Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL1705 Datasheet(PDF) 8 Page - Texas Instruments

Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PLL1705 Datasheet HTML 4Page - Texas Instruments PLL1705 Datasheet HTML 5Page - Texas Instruments PLL1705 Datasheet HTML 6Page - Texas Instruments PLL1705 Datasheet HTML 7Page - Texas Instruments PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments PLL1705 Datasheet HTML 10Page - Texas Instruments PLL1705 Datasheet HTML 11Page - Texas Instruments PLL1705 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PLL1705
PLL1706
SLES046A − AUGUST 2002 − REVISED SEPTEMBER 2002
www.ti.com
8
THEORY OF OPERATION
MASTER CLOCK AND SYSTEM CLOCK OUTPUT
The PLL1705/6 consists of a dual PLL clock and master clock generator which generates four system clocks and two
buffered 27-MHz clocks from a 27-MHz master clock. Figure 7 shows the block diagram of the PLL1705/6. The PLL is
designed to accept a 27-MHz master clock.
PLL2
Counter N
Phase Detector
and
Loop Filter
OSC
Divider
SCKO3
384 fS
SCKO0−3
Frequency
Control
Counter M
VCO
Divider
PLL1
Counter M
Phase Detector
and
Loop Filter
Counter N
VCO
SCKO2
256 fS
Divider
SCKO1
33.8688/16.9344 MHz
SCKO0
33.8688 MHz
MCKO2
27 MHz
MCKO1
27 MHz
XT1 XT2
Figure 7. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com