Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6141 Datasheet(PDF) 20 Page - Texas Instruments

Part # REF6141
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6141 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF6141 Datasheet HTML 16Page - Texas Instruments REF6141 Datasheet HTML 17Page - Texas Instruments REF6141 Datasheet HTML 18Page - Texas Instruments REF6141 Datasheet HTML 19Page - Texas Instruments REF6141 Datasheet HTML 20Page - Texas Instruments REF6141 Datasheet HTML 21Page - Texas Instruments REF6141 Datasheet HTML 22Page - Texas Instruments REF6141 Datasheet HTML 23Page - Texas Instruments REF6141 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
+
VIN
VOUT
GND
Temp
Trim
+
5-V Power Supply
Temp
REF5045
1 µF
200
PŸ
1
NŸ
10 µF
1 µF
OPA333
1
NŸ
1 µF
20
NŸ
1 µF
To REF pin
of ADC
200
PŸ
10 µF
VDD
THS4281
VDD
Copyright © 2016, Texas Instruments Incorporated
20
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
SBOS747B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Integrated ADC Drive Buffer
Many ADC data sheets specify a few microamps of average current draw from the REF pin. Almost all voltage
references provide these few microamps of average current; but not all voltage references are practical for
driving a high-resolution, high-throughput SAR ADC because the peak current drawn can be very high when the
capacitors are switched on the REF pin. The worst-case demand for the voltage reference is during a burst-mode
conversion, when the ADC is idle for a very long time, before a conversion is initiated, and the first sample
converted is expected to be precise. Usually, a large capacitor is connected between the REF pin and ground pin
(or sometimes between the REFP and REFM pins) of the ADC to smoothen the current load and reduce the
burden on the voltage reference. The voltage reference must then be capable of providing the average current
required to completely charge the reference capacitor, but without causing the reference voltage to droop
significantly. Most voltage references lack the ability to completely charge the reference capacitor, and settle
when the binary-weighted capacitors are being switched onto the REF pin because of the large output
impedance. Usually, voltage references have output impedances in the range of 10's of ohms at frequencies
higher than 100 Hz. The output voltage of the voltage reference must be buffered with a low output impedance
(usually high bandwidth) amplifier to achieve excellent linearity and distortion performance.
The key amplifier specifications to be considered when designing a reference buffer for a high-precision ADC
are: low offset, low drift, wide bandwidth, and low output impedance. While it is possible to select an amplifier
that sufficiently meets all these requirements, the amplifier comes at a cost of excessive power consumption. For
example, the OPA350 is a 38-MHz bandwidth amplifier with a maximum offset of 0.5 mV, and low offset drift of 4
µV/ºC, but consumes a quiescent current of 5.2mA. This is because (from an amplifier design perspective) offset
and drift are dc specifications, whereas bandwidth, low output impedance, and high capacitive drive capability
are high-frequency specifications. Therefore, achieving all the performance in one amplifier requires power.
However, a more efficient design to meet the low power budget is to use a composite reference buffer, which
uses an amplifier with superior high-frequency specifications in the feedback loop of a dc precision amplifier to
get the overall performance at much lower power consumption. Figure 49 shows such a composite amplifier
design with the OPA333 (dc precision amplifier) and THS4281 (high-bandwidth amplifier). This reference buffer
design requires three devices, and a large number of external components. This solution still consumes close to
2 mA of quiescent current.
Figure 49. Composite Amplifier Reference Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com