Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6141 Datasheet(PDF) 25 Page - Texas Instruments

Part # REF6141
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6141 Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF6141 Datasheet HTML 21Page - Texas Instruments REF6141 Datasheet HTML 22Page - Texas Instruments REF6141 Datasheet HTML 23Page - Texas Instruments REF6141 Datasheet HTML 24Page - Texas Instruments REF6141 Datasheet HTML 25Page - Texas Instruments REF6141 Datasheet HTML 26Page - Texas Instruments REF6141 Datasheet HTML 27Page - Texas Instruments REF6141 Datasheet HTML 28Page - Texas Instruments REF6141 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
www.ti.com
SBOS747B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
10.2.2 Detailed Design Procedure
The data acquisition system shown in Figure 54 has three major contributors to the noise and accuracy in the
system: the input driver, the reference with driver, and the data converter. Each analog block is carefully
designed so that the data converter specifications limit the system specifications. The THS4551, a fully
differential operational amplifier is used to drive the 18-bit ADC (ADS8881). The charge-kickback RC filter at the
output of the THS4551 is used to reduce the charge kickback created by the opening and closing of the sampling
switch inside the ADC. Design the RC filter so that the voltage at the sampling capacitor settles to 18-bit
accuracy within the acquisition time of the ADC.
Data-acquisition systems require stable and accurate voltage references in order to perform the most accurate
data conversion. The REF61xx family of voltage references have integrated an ADC drive buffer, and can
therefore drive the REF pin of the ADS8881 directly, without the need for an external reference buffer. See the
Integrated ADC Drive Buffer section for more details about reference-buffer requirements. Correct output
capacitor selection for the REF61xx is very important in this design. The Stability section describes the ESR
requirements of the output capacitor for stability and burst-mode requirements. A capacitance of 1 μF is
connected to the FILT pin to reduce broadband noise of the REF61xx.
10.2.2.1 Results
Table 1 summarizes the measured results.
Table 1. Measured Results
SPECIFICATION
MEASURED RESULT
SNR
100.5 dB
ENOB
16.4
THD
–125.9 dB
Throughput
1 MSPS
Burst mode
First sample > 18-bit precision
Power consumption
40 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com