Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6141 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF6141
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6141 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF6141 Datasheet HTML 3Page - Texas Instruments REF6141 Datasheet HTML 4Page - Texas Instruments REF6141 Datasheet HTML 5Page - Texas Instruments REF6141 Datasheet HTML 6Page - Texas Instruments REF6141 Datasheet HTML 7Page - Texas Instruments REF6141 Datasheet HTML 8Page - Texas Instruments REF6141 Datasheet HTML 9Page - Texas Instruments REF6141 Datasheet HTML 10Page - Texas Instruments REF6141 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C001
0
50
100
150
200
250
±4
±3
±2
±1
0
1
2
3
4
Load Current (mA)
C017
-40
ƒC
25
ƒC
90
ƒC
125
ƒC
0
10
20
30
40
50
60
70
80
90
100
Initial Accuracy (%)
C005
0
10
20
30
40
Solder Heat Shift (%)
C004
0
10
20
30
40
50
60
70
80
1
2
3
4
5
6
Drift Distribution (ppm/ºC)
C002
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
Initial Accuracy (%)
C003
7
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
www.ti.com
SBOS747B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6125 (unless otherwise noted)
TA = –40°C to +125°C
Figure 1. Drift Distribution
TA = –40°C to +85°C
Figure 2. Drift Distribution
Figure 3. Initial Accuracy Distribution
Figure 4. Solder-Heat Shift Distribution
Figure 5. Output Voltage Accuracy vs Temperature
Figure 6. Dropout Voltage vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com