Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC32 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AC32
Description  SNx4AC32 Quadruple 2-Input Positive-OR Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AC32 Datasheet HTML 1Page - Texas Instruments SN74AC32 Datasheet HTML 2Page - Texas Instruments SN74AC32 Datasheet HTML 3Page - Texas Instruments SN74AC32 Datasheet HTML 4Page - Texas Instruments SN74AC32 Datasheet HTML 5Page - Texas Instruments SN74AC32 Datasheet HTML 6Page - Texas Instruments SN74AC32 Datasheet HTML 7Page - Texas Instruments SN74AC32 Datasheet HTML 8Page - Texas Instruments SN74AC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Pin Configuration and Functions...................................3
4 Specifications.................................................................. 5
4.1 Absolute Maximum Ratings........................................ 5
4.2 Recommended Operating Conditions.........................5
4.3 Thermal Information....................................................6
4.4 Electrical Characteristics.............................................6
4.5 Switching Characteristics, VCC = 3.3V ± 0.3V.............7
4.6 Switching Characteristics, VCC = 5V ± 0.5V................7
4.7 Operating Characteristics........................................... 7
5 Parameter Measurement Information............................ 8
6 Detailed Description........................................................9
6.1 Functional Block Diagram........................................... 9
6.2 Device Functional Modes............................................9
7 Application and Implementation.................................. 10
7.1 Power Supply Recommendations.............................10
7.2 Layout....................................................................... 10
8 Device and Documentation Support............................11
8.1 Documentation Support............................................ 11
8.2 Receiving Notification of Documentation Updates.... 11
8.3 Support Resources................................................... 11
8.4 Trademarks............................................................... 11
8.5 Electrostatic Discharge Caution................................ 11
8.6 Glossary.................................................................... 11
9 Revision History............................................................ 11
10 Mechanical, Packaging, and Orderable
Information.................................................................... 12
SN54AC32, SN74AC32
SCAS528H – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AC32 SN74AC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com