Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC32 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74AC32
Description  SNx4AC32 Quadruple 2-Input Positive-OR Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74AC32 Datasheet HTML 9Page - Texas Instruments SN74AC32 Datasheet HTML 10Page - Texas Instruments SN74AC32 Datasheet HTML 11Page - Texas Instruments SN74AC32 Datasheet HTML 12Page - Texas Instruments SN74AC32 Datasheet HTML 13Page - Texas Instruments SN74AC32 Datasheet HTML 14Page - Texas Instruments SN74AC32 Datasheet HTML 15Page - Texas Instruments SN74AC32 Datasheet HTML 16Page - Texas Instruments SN74AC32 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-87614012A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
87614012A
SNJ54AC
32FK
5962-8761401CA
Active
Production
CDIP (J) | 14
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8761401CA
SNJ54AC32J
5962-8761401DA
Active
Production
CFP (W) | 14
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8761401DA
SNJ54AC32W
SN74AC32BQAR
Active
Production
WQFN (BQA) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32BQAR.A
Active
Production
WQFN (BQA) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32D
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
-40 to 85
AC32
SN74AC32DBR
Active
Production
SSOP (DB) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32DBR.A
Active
Production
SSOP (DB) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32DR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32DR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32N
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
SN74AC32N
SN74AC32N.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
SN74AC32N
SN74AC32NSR
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32NSR.A
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32PW
Obsolete
Production
TSSOP (PW) | 14
-
-
Call TI
Call TI
-40 to 85
AC32
SN74AC32PWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32PWR.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32PWRG4
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SN74AC32PWRG4.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC32
SNJ54AC32FK
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
87614012A
SNJ54AC
32FK
SNJ54AC32FK.A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
87614012A
SNJ54AC
32FK
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com