Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC32 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AC32
Description  SNx4AC32 Quadruple 2-Input Positive-OR Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AC32 Datasheet HTML 1Page - Texas Instruments SN74AC32 Datasheet HTML 2Page - Texas Instruments SN74AC32 Datasheet HTML 3Page - Texas Instruments SN74AC32 Datasheet HTML 4Page - Texas Instruments SN74AC32 Datasheet HTML 5Page - Texas Instruments SN74AC32 Datasheet HTML 6Page - Texas Instruments SN74AC32 Datasheet HTML 7Page - Texas Instruments SN74AC32 Datasheet HTML 8Page - Texas Instruments SN74AC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
−0.5
7
V
VI (2)
Input voltage range
−0.5
VCC + 0.5
V
VO (2)
Output voltage range
−0.5
VCC + 0.5
V
IIK
Input clamp current
(VI < 0 or VI > VCC)
±20
mA
IOK
Output clamp current
(VO < 0 or VO > VCC)
±20
mA
IO
Continuous output current
(VO = 0 to VCC)
±50
mA
IO
Continuous current through VCC or GND
±200
mA
Tstg
Storage temperature range
−65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4.2 Recommended Operating Conditions
over recommended operating free-air temperature range (unless otherwise noted)(1)
SN54AC32
SN74AC32
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
6
2
6
V
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
V
VCC = 4.5 V
3.15
3.15
VCC = 5.5 V
3.85
3.85
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
V
VCC = 4.5 V
1.35
1.35
VCC = 5.5 V
1.65
1.65
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
VCC = 3 V
−12
−12
mA
VCC = 4.5 V
−24
−24
VCC = 5.5 V
−24
−24
IOL
Low-level output current
VCC = 3 V
12
12
mA
VCC = 4.5 V
24
24
VCC = 5.5 V
24
24
∆t/∆v
Input transition rise or fall rate
8
8
ns/V
TA
Operating free-air temperature
−55
125
−55
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the Implications of Slow or
Floating CMOS Inputs application note.
www.ti.com
SN54AC32, SN74AC32
SCAS528H – AUGUST 1995 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54AC32 SN74AC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com