Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 17 Page - Texas Instruments

Part # REF5025ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5025ID Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 13Page - Texas Instruments REF5025ID Datasheet HTML 14Page - Texas Instruments REF5025ID Datasheet HTML 15Page - Texas Instruments REF5025ID Datasheet HTML 16Page - Texas Instruments REF5025ID Datasheet HTML 17Page - Texas Instruments REF5025ID Datasheet HTML 18Page - Texas Instruments REF5025ID Datasheet HTML 19Page - Texas Instruments REF5025ID Datasheet HTML 20Page - Texas Instruments REF5025ID Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
6.8 Typical Characteristics: REF50xxEI (continued)
at TA = 25°C, VIN = VEN = VOUT + 0.5V, IL = 0mA, COut = 10μF, CNR = Open, CIN = 0.1μF,
1 ms/div
VIN = 42V
VIN = 2.75V
VOUT (100 mV/div)
Figure 6-37. Line Transient Response
Figure 6-38. Load Transient Response (COUT = 10μF)
1 ms/div
VREF (10 mV/div)
IL = -10 mA
IL = 10 mA
Figure 6-39. Load Transient Response (COUT = 1μF)
Frequency (Hz)
10 20
50 100
1000
10000
100000
1000000
0
0.4
0.8
1.2
1.6
2
2.4
2.8
COUT = 100uF
COUT = 10uF
COUT = 1 uF
Figure 6-40. Output Impedance
Te mperature (
C)
-50
-25
0
25
50
75
100
125
100
150
200
250
300
350
400
Figure 6-41. Quiescent Current vs Temperature
Figure 6-42. Shutdown Current vs Temperature
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com