Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 14 Page - Texas Instruments

Part # REF5025ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5025ID Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 10Page - Texas Instruments REF5025ID Datasheet HTML 11Page - Texas Instruments REF5025ID Datasheet HTML 12Page - Texas Instruments REF5025ID Datasheet HTML 13Page - Texas Instruments REF5025ID Datasheet HTML 14Page - Texas Instruments REF5025ID Datasheet HTML 15Page - Texas Instruments REF5025ID Datasheet HTML 16Page - Texas Instruments REF5025ID Datasheet HTML 17Page - Texas Instruments REF5025ID Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
6.7 Typical Characteristics: REF50xxI, REF50xxAI (continued)
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is
2.7 V.
CL = 10μF, IOUT = 1mA
Figure 6-19. Load Transient
200
s/div
ILOAD
-10mA
+10mA
10mA/div
10mV/div
CL = 10μF, IOUT = 10mA
Figure 6-20. Load Transient
20ms/div
V
OUT
V
IN
5mV/div
500mV/div
CL = 1μF
Figure 6-21. Line Transient
100 s/div
m
V
OUT
V
IN
5mV/div
500mV/div
CL = 10μF
Figure 6-22. Line Transient
Hours
0
100
200
300
400
500
600
700
800
900 1000
-100
-50
0
50
100
150
200
250
VSSOP-8
Figure 6-23. REF50xx Long-Term Stability (First 1000 Hours)
Hours
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
-100
-50
0
50
100
150
200
250
VSSOP-8
Figure 6-24. REF50xx Long-Term Stability (Second 1000 Hours)
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com