Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025ID Datasheet(PDF) 26 Page - Texas Instruments

Part # REF5025ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5025ID Datasheet(HTML) 26 Page - Texas Instruments

Back Button REF5025ID Datasheet HTML 22Page - Texas Instruments REF5025ID Datasheet HTML 23Page - Texas Instruments REF5025ID Datasheet HTML 24Page - Texas Instruments REF5025ID Datasheet HTML 25Page - Texas Instruments REF5025ID Datasheet HTML 26Page - Texas Instruments REF5025ID Datasheet HTML 27Page - Texas Instruments REF5025ID Datasheet HTML 28Page - Texas Instruments REF5025ID Datasheet HTML 29Page - Texas Instruments REF5025ID Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
8.3.6 Output Adjustment Using the TRIM/NR Pin
The REF50xxI, REF50xxAI provides a very accurate, factory-trimmed voltage output. Adjust VOUT using the trim
and noise reduction pin (TRIM/NR, pin 5). Figure 8-5 shows a typical circuit that allows an output adjustment of
±15mV.
GND TRIM/NR
TEMP
VOUT
VIN
NC
DNC
DNC
REF50XX
1M
R1 = 10k
R2 = 2k
VSUPPLY
Figure 8-5. VOUT Adjustment Using the TRIM/NR Pin
The REF50xx allows access to the band-gap through the TRIM/NR pin. Placing a capacitor from the TRIM/NR
pin to GND (Figure 8-4) in combination with the internal R3 and R4 resistors creates a low-pass filter. A
capacitance of 1μF creates a low-pass filter with the corner frequency from 10Hz to 20Hz. A low-pass filter
decreases the overall noise measured on the VOUT pin by half. A higher capacitance results in a lower filter
cutoff frequency, further reducing output noise. Using this capacitor increases start-up time.
8.4 Device Functional Modes
8.4.1 Basic Connections
Figure 8-6 shows the typical connections for the REF50xx. TI recommends a supply bypass capacitor ranging
from 1μF to 10μF. Confirm that a output capacitor (CL) is connected from VOUT to GND. For output stability,
verify that the equivalent series resistance (ESR) value of CL less than or equal to 1.5Ω. To minimize noise, the
recommended ESR of CL is from 1Ω and 1.5Ω.
GND
VOUT
TRIM/NR
GND
REF50
TEMP
VIN
+VSupply
DNC
DNC
NC
CBYPASS
1µF to 10µF
CL
GND
CL = 1µF to 50µF for REF50xxI, REF50xxAI
CL = 1µF to 100µF for REF50xxEI
Figure 8-6. Basic Connections
8.4.2 Supply Voltage
The REF50xx family of voltage references features extremely low dropout voltage. With the exception of the
REF5020, which has a minimum supply requirement of 2.7V, operate the family of references with a supply of
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com