Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6150IDGKT Datasheet(PDF) 24 Page - Texas Instruments

Part # REF6150IDGKT
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6150IDGKT Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF6150IDGKT Datasheet HTML 20Page - Texas Instruments REF6150IDGKT Datasheet HTML 21Page - Texas Instruments REF6150IDGKT Datasheet HTML 22Page - Texas Instruments REF6150IDGKT Datasheet HTML 23Page - Texas Instruments REF6150IDGKT Datasheet HTML 24Page - Texas Instruments REF6150IDGKT Datasheet HTML 25Page - Texas Instruments REF6150IDGKT Datasheet HTML 26Page - Texas Instruments REF6150IDGKT Datasheet HTML 27Page - Texas Instruments REF6150IDGKT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Bandgap
Voltage
Reference
CFILT = 1 µF
CL = 47 µF
RESR = 5
PŸ
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF61xx
RLIM = 120
NŸ
EN
GND
REF
+
VIN
R = 1
NŸ
RF = 5
Ÿ
CF = 10 nF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
R = 1
NŸ
R = 1
NŸ
R = 1
NŸ
RF = 5
Ÿ
Power Supply
24
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
SBOS747B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
Many applications, such as event-triggered and multiplexed data-acquisition systems, require the very first
conversion of the ADC to have 18-bit or greater precision. These types of data acquisition systems capture data
in bursts, and are also called burst-mode, data-acquisition systems. Achieving 18-bit precision for the first sample
is very difficult using a conventional voltage reference because the voltage reference droop limits the accuracy of
the first few conversions. Furthermore, variable-sampling-rate systems require that the gain error of the system
does not vary with sampling rate. The primary objective of this design example is to demonstrate the lowest
distortion and noise, burst-mode data-acquisition block with low power consumption, using an 18-bit SAR ADC
operating at a throughput of 1 MSPS, for a 1-kHz, full-scale, pure sine-wave input.
10.2 Typical Application
Figure 54. 18-bit, 1-MSPS, Burst-Mode Data Acquisition system
10.2.1 Design Requirements
1. Burst-mode support (see Reference Droop Measurements section for more details)
2. ENOB > 16 bits
3. THD < –120 dB
4. Power consumption < 50 mW
5. Throughput = 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com