Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6150IDGKT Datasheet(PDF) 9 Page - Texas Instruments

Part # REF6150IDGKT
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6150IDGKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF6150IDGKT Datasheet HTML 5Page - Texas Instruments REF6150IDGKT Datasheet HTML 6Page - Texas Instruments REF6150IDGKT Datasheet HTML 7Page - Texas Instruments REF6150IDGKT Datasheet HTML 8Page - Texas Instruments REF6150IDGKT Datasheet HTML 9Page - Texas Instruments REF6150IDGKT Datasheet HTML 10Page - Texas Instruments REF6150IDGKT Datasheet HTML 11Page - Texas Instruments REF6150IDGKT Datasheet HTML 12Page - Texas Instruments REF6150IDGKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Time (0.5 ms/div)
C014
2 mV/div
2 mA/div
+1 mA
-1 mA
-1 mA
V
OUT
0
5
10
15
Time (5 ms/div)
C015
50 mV/div
6 mA/div
+3 mA
-3 mA
-3 mA
V
OUT
±110
±100
±90
±80
±70
±60
±50
10
100
1k
10k
100k
Frequency (Hz)
C011
C
L = 47 µF
C
L = 22 µF
0
5
10
15
20
25
30
100
1k
10k
100k
1M
Frequency (Hz)
C025
10 µF
47 µF
22 µF
Time (2 s/div)
C021
0
5
10
15
20
25
1k
10k
100k
1000k
Frequency (Hz)
C022
10 µF
47 µF
22 µF
9
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
www.ti.com
SBOS747B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6125 (unless otherwise noted)
Figure 13. 0.1-Hz to 10-Hz Noise
Figure 14. Output-Voltage Noise Spectrum
Figure 15. PSRR vs Frequency
Graph obtained by design simulation
Figure 16. Output Impedance vs Frequency
Load current = ±1 mA
Figure 17. Load Transient Response
Load current = ±3 mA
Figure 18. Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com