Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6150IDGKT Datasheet(PDF) 3 Page - Texas Instruments

Part # REF6150IDGKT
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6150IDGKT Datasheet(HTML) 3 Page - Texas Instruments

  REF6150IDGKT Datasheet HTML 1Page - Texas Instruments REF6150IDGKT Datasheet HTML 2Page - Texas Instruments REF6150IDGKT Datasheet HTML 3Page - Texas Instruments REF6150IDGKT Datasheet HTML 4Page - Texas Instruments REF6150IDGKT Datasheet HTML 5Page - Texas Instruments REF6150IDGKT Datasheet HTML 6Page - Texas Instruments REF6150IDGKT Datasheet HTML 7Page - Texas Instruments REF6150IDGKT Datasheet HTML 8Page - Texas Instruments REF6150IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Not to scale
1
VIN
8
GND_S
2
EN
7
GND_F
3
SS
6
OUT_F
4
FILT
5
OUT_S
3
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
www.ti.com
SBOS747B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE FAMILY
TEMPERATURE DRIFT
REF60xx
5 ppm/°C from –40 to 125°C
REF61xx
8 ppm/°C from –40 to 125°C
REF62xx
3 ppm/°C from 0 to 70°C
6 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
EN
2
Input
Enable pin
FILT
4
—
Filter capacitor pin. A capacitor (CFILT) ≥ 1 µF must be connected between the FILT pin and
ground for stability.
GND_F
7
Ground
Ground force pin
GND_S
8
Ground
Ground sense pin
OUT_F
6
Output
Output voltage force pin
OUT_S
5
Input
Output voltage sense pin
SS
3
—
Short circuit current limit pin. Connect a resistor to this pin to set the output short-circuit current
limit. Connect to VIN pin for highest current limit
VIN
1
Power
Input supply voltage pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com