Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 11Page - STMicroelectronics L99ASC03TR Datasheet HTML 12Page - STMicroelectronics L99ASC03TR Datasheet HTML 13Page - STMicroelectronics L99ASC03TR Datasheet HTML 14Page - STMicroelectronics L99ASC03TR Datasheet HTML 15Page - STMicroelectronics L99ASC03TR Datasheet HTML 16Page - STMicroelectronics L99ASC03TR Datasheet HTML 17Page - STMicroelectronics L99ASC03TR Datasheet HTML 18Page - STMicroelectronics L99ASC03TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
DocID023504 Rev 7
15/73
L99ASC03
Device description
72
2.5.3
VDD Standby Mode
When the device is in VDD Standby Mode, the gate drivers, the charge pump and the CSA
are disabled (SPI activation or INH pin will act as a wake-up). To supply the microcontroller
in a low-power mode, the VDD voltage regulator remains active. After any wake-up event,
the device switches to Active Mode and a negative pulse (typ. 56 µs) is generated on NINT
pin.
The transition from Active Mode to VDD Standby Mode is selected through the STBYSEL
and the GOSTBY bits.
2.5.4
VBAT Standby Mode
When in VBAT Standby Mode, the VDD voltage regulator is turned off to achieve the lowest
current consumption and the device monitors the occurrence of a wake-up event. After any
wake-up event, the device transitions to Active Mode. The internal SPI register content is
preserved.
The transition from Active Mode to VBAT Standby Mode is selected through the STBYSEL
and the GOSTBY bits. This transition can also occur in case of persistent fault conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com