Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 20Page - STMicroelectronics L99ASC03TR Datasheet HTML 21Page - STMicroelectronics L99ASC03TR Datasheet HTML 22Page - STMicroelectronics L99ASC03TR Datasheet HTML 23Page - STMicroelectronics L99ASC03TR Datasheet HTML 24Page - STMicroelectronics L99ASC03TR Datasheet HTML 25Page - STMicroelectronics L99ASC03TR Datasheet HTML 26Page - STMicroelectronics L99ASC03TR Datasheet HTML 27Page - STMicroelectronics L99ASC03TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Device description
L99ASC03
24/73
DocID023504 Rev 7
2.15.2
BEMF comparator sampling
In order to avoid unwanted commutations of the BEMF comparator due to PWM switching
and spurious noise on the motor phases, an intelligent sampling mechanism is implemented
to detect the BEMF zero-crossing point. Depending on the BEMFSW bit (PWM switching
mode), BEMFMOD bit (comparator selection) and BEMFPOL bit, it is possible to select the
triggering instant used to sample and latch the output of the selected BEMF comparator,
which is in turn made available at the BEMFOUT pin. The following cases are possible:
•
PWM on high-side MOSFET
–
BEMF detection in PWM ON state, BEMF sampling on PWM switch turn-off
–
BEMF detection in PWM OFF state, BEMF sampling on PWM switch turn-on or
complementary PWM switch turn-off
•
PWM on low-side MOSFET
–
BEMF detection in PWM ON state, BEMF sampling on PWM switch turn-off
–
BEMF detection in PWM OFF state, BEMF sampling on PWM switch turn-on or
complementary PWM switch turn-off
It is worth noting that this method allows having a stabilized BEMF signal at the motor phase
before the phase voltage can change, thanks to the turn-on and turn-off delay associated to
the gate driver and the external MOSFET.
If no PWM is applied to the motor (100% duty cycle), the output of the BEMF comparator
can be sampled by using an internal clock edge. In this case, the BEMFBY bit has to be set.
2.15.3
BEMF commutation driving mode
The BEMFCNT bits are used to set the motor phase to be monitored by the BEMF
comparator. According to BEMFCM bit value, BEMFCNT bits can be either programmed
through SPI by the system microcontroller or automatically updated by L99ASC03.
In particular:
•
If BEMFCM = '0', the external microcontroller is intended to update BEMFCNT bits
through SPI command every time the BEMF comparator has to monitor another motor
phase.
•
If BEMFCM = '1', the BMFCNT bits are automatically increased (if BEMFDIR = '0') or
decreased (if BEMFDIR = '1') whenever the L99ASC03 receives a triggering pulse on
BC pin. In order to properly operates, triggering pulse amplitude on BC pin must be
coherent with Vin H (see Table 24) electrical parameter.
2.16
Digital multiplexer (DOUT)
An integrated digital multiplexer provides a digital signal on the DOUT pin. Depending on
the setting of the DMUX bit and of the OCFT_DIS bit, it is possible to select between a fail-
safe flag signal, a CSA overcurrent flag signal or the overcurrent comparator output.
2.17
Analog multiplexer (AOUT)
By setting the AMUX bits via SPI, an integrated analog multiplexer provides an output
voltage proportional to the input supply voltages (VS, VSREG or VSMS), to the internal chip
temperature Tj or to the CSA reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com