Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 14Page - STMicroelectronics L99ASC03TR Datasheet HTML 15Page - STMicroelectronics L99ASC03TR Datasheet HTML 16Page - STMicroelectronics L99ASC03TR Datasheet HTML 17Page - STMicroelectronics L99ASC03TR Datasheet HTML 18Page - STMicroelectronics L99ASC03TR Datasheet HTML 19Page - STMicroelectronics L99ASC03TR Datasheet HTML 20Page - STMicroelectronics L99ASC03TR Datasheet HTML 21Page - STMicroelectronics L99ASC03TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Device description
L99ASC03
18/73
DocID023504 Rev 7
2.8.1
Normal mode: TEMPM = ‘0’ (TW1, TSD1, TSD2)
If the junction temperature reaches the TW1 threshold, the TW1 flag is set and latched as a
thermal warning for the external microcontroller. In case the junction temperature increases
and reaches the TSD1 threshold, the gate drivers and the charge pump are disabled and
the TSD1/TW2 flag is set and latched. If the junction temperature rises further and reaches
the TSD2 threshold, the VDD regulator is also turned off to reduce power dissipation and the
TSD2 flag is set and latched. A counter (VDDR bits) is increased upon the VDD turn-off.
After a time equal to tTSD, the VDD regulator is turned on again. If the VDDR bits reach the
'111' state, the device is forced into VBAT Standby Mode. This mode is left upon any wake-
up event.
The TW1, TSD1/TW2 and TSD2 flags can all be cleared by an SPI Read & Clear command,
provided that the junction temperature is below the respective temperature threshold.
2.8.2
Warning mode: TEMP = ‘1’ (TW1, TW2, TSD2)
If the junction temperature reaches the TW1 threshold, the TW1 flag is set and latched as a
first thermal warning for the external microcontroller. In case the junction temperature
increases and reaches the TW2 threshold, the TSD1/TW2 flag is set and latched as a
second thermal warning. If the junction temperature rises further and reaches the TSD2
threshold, the gate drivers and the charge pump are disabled, the VDD regulator is turned
off to reduce power dissipation and the TSD2 flag is set and latched. A counter (VDDR bits)
is increased upon the VDD turn-off. After a time equal to tTSD, the VDD regulator is turned
on again. If the VDDR bits reach the '111' state, the device is forced into VBAT Standby
Mode. This mode is left upon any wake-up event.
The TW1, TSD1/TW2 and TSD2 flags can all be cleared by an SPI Read & Clear command,
provided that the junction temperature is below the respective temperature threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com