Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC03 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54HC03
Description  SNx4HC03 Quadruple 2-Input NAND Gates with Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC03 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54HC03 Datasheet HTML 2Page - Texas Instruments SN54HC03 Datasheet HTML 3Page - Texas Instruments SN54HC03 Datasheet HTML 4Page - Texas Instruments SN54HC03 Datasheet HTML 5Page - Texas Instruments SN54HC03 Datasheet HTML 6Page - Texas Instruments SN54HC03 Datasheet HTML 7Page - Texas Instruments SN54HC03 Datasheet HTML 8Page - Texas Instruments SN54HC03 Datasheet HTML 9Page - Texas Instruments SN54HC03 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
5.6 Switching Characteristics - 54
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
tplh
Propagation delay, low-to-
high
A or B
Y
2 V
60
105
131
155
ns
4.5 V
13
25
31
36
6 V
10
23
27
31
tphl
Propagation delay, high-to-
low
A or B
Y
2 V
50
100
125
150
ns
4.5 V
10
20
25
30
6 V
8
17
21
25
tt
Transition-time
Y
2 V
38
75
95
110
ns
4.5 V
8
15
19
22
6 V
6
13
16
19
5.7 Switching Characteristics - 74
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
MIN
TYP
MAX
MIN
TYP
MAX
tplh
Propagation delay, low-to-high
A or B
Y
2 V
60
105
131
ns
4.5 V
13
25
31
6 V
10
23
27
tphl
Propagation delay, high-to-low
A or B
Y
2 V
50
100
125
ns
4.5 V
10
20
25
6 V
8
17
21
tt
Transition-time
Y
2 V
38
75
95
ns
4.5 V
8
15
19
6 V
6
13
16
5.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
20
pF
5.9 Typical Characteristics
TA = 25°C
SN54HC03, SN74HC03
SCLS077F – MARCH 1984 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN54HC03 SN74HC03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com