Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC03 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54HC03
Description  SNx4HC03 Quadruple 2-Input NAND Gates with Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC03 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54HC03 Datasheet HTML 5Page - Texas Instruments SN54HC03 Datasheet HTML 6Page - Texas Instruments SN54HC03 Datasheet HTML 7Page - Texas Instruments SN54HC03 Datasheet HTML 8Page - Texas Instruments SN54HC03 Datasheet HTML 9Page - Texas Instruments SN54HC03 Datasheet HTML 10Page - Texas Instruments SN54HC03 Datasheet HTML 11Page - Texas Instruments SN54HC03 Datasheet HTML 12Page - Texas Instruments SN54HC03 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
7 Detailed Description
7.1 Overview
This device contains four independent 2-input NAND gates with open-drain outputs. Each gate performs the
Boolean function Y = A ● B in positive logic.
7.2 Functional Block Diagram
xA
xB
xY
7.3 Feature Description
7.3.1 CMOS Open-Drain Outputs
The open-drain output allows the device to sink current to GND but not to source current from VCC. When the
output is not actively pulling the line low, it will go into a high impedance state. This allows the device to be used
for a wide variety of applications, including up-translation and down-translation, as the output voltage can be
determined by an external pull-up resistor.
The current drive capability of this device creates fast edges into light loads, so routing and load conditions
should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger
currents than the device can sustain without being damaged. It is important for the power output of the device
to be limited to avoid thermal runaway and damage due to over-current. The electrical and thermal limits defined
the in the Absolute Maximum Ratingsmust be followed at all times.
The SN74HC03 can drive a load with a total capacitance less than or equal to the maximum load listed in
the Switching Characteristics - 74 connected to a high-impedance CMOS input while still meeting all of the
datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to exceed the
provided load value. If larger capacitive loads are required, it is recommended to add a series resistor between
the output and the capacitor to limit output current to the values given in the Absolute Maximum Ratings.
7.3.2 Standard CMOS Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor from the input to ground
in parallel with the input capacitance given in the Electrical Characteristics - 74. The worst case resistance is
calculated with the maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input
leakage current, given in the Electrical Characteristics - 74, using ohm's law (R = V ÷ I).
Signals applied to the inputs need to have fast edge rates, as defined by the input transition time in the
Recommended Operating Conditions to avoid excessive current consumption and oscillations. If a slow or noisy
input signal is required, a device with a Schmitt-trigger input should be used to condition the input signal prior to
the standard CMOS input.
www.ti.com
SN54HC03, SN74HC03
SCLS077F – MARCH 1984 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN54HC03 SN74HC03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com