Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC03 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC03
Description  SNx4HC03 Quadruple 2-Input NAND Gates with Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC03 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC03 Datasheet HTML 1Page - Texas Instruments SN54HC03 Datasheet HTML 2Page - Texas Instruments SN54HC03 Datasheet HTML 3Page - Texas Instruments SN54HC03 Datasheet HTML 4Page - Texas Instruments SN54HC03 Datasheet HTML 5Page - Texas Instruments SN54HC03 Datasheet HTML 6Page - Texas Instruments SN54HC03 Datasheet HTML 7Page - Texas Instruments SN54HC03 Datasheet HTML 8Page - Texas Instruments SN54HC03 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SNx4HC03 Quadruple 2-Input NAND Gates with Open-Drain Outputs
1 Features
• Wide Operating Voltage Range: 2 V to 6 V
• Outputs Can Drive Up To 10 LSTTL Loads
• Low Power Consumption, 20-µA Maximum ICC
• Typical tpd = 8 ns at 5 V
• ±4-mA Output Drive at 5 V
• Low Input Current of 1 µA
2 Applications
• NAND OD
3 Description
This device contains four independent 2-input NAND
Gates with open-drain outputs. Each gate performs
the Boolean function Y = A ● B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC03N
PDIP (14)
19.30 mm × 6.40 mm
SN74HC03NS
SO (14)
10.20 mm × 5.30 mm
SN74HC03D
SOIC (14)
8.70 mm × 3.90 mm
SN74HC03PW
TSSOP (14)
5.00 mm × 4.40 mm
SN54HC03J
CDIP (14)
21.30 mm × 7.60 mm
SN54HC03FK
LCCC (20)
8.9 mm × 8.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
V
CC
3Y
Functional pinout of the SN74HC03
www.ti.com
SN54HC03, SN74HC03
SCLS077F – MARCH 1984 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN54HC03 SN74HC03
SN54HC03, SN74HC03
SCLS077F – MARCH 1984 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54HC03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03 TI-SN54HC03 Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03 TI-SN54HC03 Datasheet
570Kb / 15P
QUADRUPLE2-INPUT POSITIVE-AND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03FK TI-SN54HC03FK Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03J TI-SN54HC03J Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN54HC03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5401 TI-SN5401 Datasheet
208Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC266 TI-SN54HC266 Datasheet
77Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74HC01 HITACHI-HD74HC01 Datasheet
44Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
logo
Texas Instruments
SN54ALS01 TI-SN54ALS01 Datasheet
42Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LS03 RENESAS-HD74LS03 Datasheet
52Kb / 4P
Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
Quad. 2-input NAND Gates (with open drain outputs)
logo
Texas Instruments
SN5403 TI1-SN5403_13 Datasheet
668Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS01 TI1-SN54ALS01_08 Datasheet
59Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com