Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G32DBVR Datasheet(PDF) 39 Page - Texas Instruments

Part # SN74LVC1G32DBVR
Description  SN74LVC1G32 Single 2-Input Positive-OR Gate
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G32DBVR Datasheet(HTML) 39 Page - Texas Instruments

Back Button SN74LVC1G32DBVR Datasheet HTML 35Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 36Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 37Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 38Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 39Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 40Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 41Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 42Page - Texas Instruments SN74LVC1G32DBVR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.22
0.12
6X
0.45
0.35
2X
0.7
4X
0.35
0.4 MAX
0.05
0.00
B
1.05
0.95
A
1.05
0.95
(0.11) TYP
(0.1)
PIN 1 ID
4220597/B 06/2022
X2SON - 0.4 mm max height
DSF0006A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
3
4
6
0.07
C B A
0.05
C
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MO-287, variation X2AAF.
SCALE 10.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com