Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G34DBVT
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G34DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
SN74LVC1G34 Single Buffer Gate
1 Features
• Available in the ultra small 0.64mm2
package (DPW) with 0.5mm pitch
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Provides down translation to VCC
• Maximum tpd of 3.5ns at 3.3V
• Low power consumption, 1μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports live insertion, partial power down
mode, and back drive protection
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 2000V human-body model (A114A)
– 200V machine model (A115A)
– 1000V charged-device model (C101)
2 Applications
• AV receiver
• Audio dock: portable
• Blu-ray player and home theater
• DVD recorder and player
• Embedded PC
• MP3 player/recorder (portable audio)
• Personal Digital Assistant (PDA)
• Power: telecom/server AC/DC supply: single
controller: analog and digital
• Solid State Drive (SSD): client and enterprise
• TV: LCD/digital and high-definition (HDTV)
• Tablet: enterprise
• Video analytics: server
• Wireless headset, keyboard, and mouse
3 Description
This single buffer gate is designed for 1.65V to 5.5V
VCC operation.
The SN74LVC1G34 device performs the Boolean
function Y = A in positive logic.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC Operating range.
The SN74LVC1G34 is available in a variety of
packages, including the ultra-small DPW package
with a body size of 0.8mm × 0.8mm.
Package Information
DEVICE NAME
PACKAGE (1)
PACKAGE
SIZE(2)
BODY SIZE
(NOM)(3)
SN74LVC1G34
YFP (DSBGA, 4)
1.00mm
×1.00mm
0.76mm ×
0.76mm
YZP (DSBGA, 5)
1.75mm ×
1.25mm
1.38mm ×
0.88mm
YZV (DSBGA, 4)
1.25mm ×
1.25mm
0.88mm ×
0.88mm
DPW (X2SON,
5)
0.80mm ×
0.80mm
0.80mm ×
0.80mm
DBV (SOT-23, 5)
2.90mm ×
2.80mm
2.90mm ×
2.80mm
DCK (SC70, 5)
2.00mm ×
2.10mm
2.00mm ×
2.10mm
DRL (SOT, 5)
1.60mm ×
1.60mm
1.60mm ×
1.60mm
DRY (USON (6)
1.45mm
×1.00mm
1.45mm
×1.00mm
DSF (X2SON, 6)
1.00mm ×
1.00mm
1.00mm ×
1.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
A
Y
Simplified Schematic
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G34DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34DBVT TI-SN74LVC1G34DBVT Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34DBVT TI-SN74LVC1G34DBVT Datasheet
820Kb / 19P
SINGLE BUFFER GATE
SN74LVC1G34DBVT TI1-SN74LVC1G34DBVT Datasheet
1Mb / 38P
SN74LVC1G34 Single Buffer Gate
SN74LVC1G34DBVTE4 TI-SN74LVC1G34DBVTE4 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34DBVTE4 TI-SN74LVC1G34DBVTE4 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
More results

Similar Description - SN74LVC1G34DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
SINGLE BUFFER GATE
Rev 1
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI1-SN74LVC1G34_16 Datasheet
1Mb / 38P
SN74LVC1G34 Single Buffer Gate
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com