Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT.B Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1G34DBVT.B
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVT.B Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G34DBVT.B Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
4 Pin Configuration and Functions
See mechanical drawings for dimensions.
N.C. – No internal connection
–
DNU
Do not use
DBV PACKAGE
(TOP VIEW)
3
4
GND
2
A
Y
V
CC
5
1
N.C.
DCK PACKAGE
(TOP VIEW)
3
4
GND
2
A
Y
5
1
N.C.
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
V
CC
5
1
N.C.
3
4
GND
GND
Y
DRY PACKAGE
(TOP VIEW)
A
N.C.
N.C.
6
5
4
2
3
GND
Y
V
CC
1
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
N.C.
4
N.C.
GND
DSF PACKAGE
(TOP VIEW)
A
V
CC
Y
N.C.
6
5
4
2
3
1
YZP PACKAGE
(TOP VIEW)
DNU
A
GND
A1
A2
B1
C1
C2
V
CC
Y
B1
B2
A1
A2
YZV PACKAGE
(TOP VIEW)
Y
GND
A
V
CC
B1
B2
A1
A2
YFP PACKAGE
(TOP VIEW)
GND
A
Y
V
CC
Table 4-1. Pin Functions
PIN
DESCRIPTION
NAME
DRL, DCK,
DBV
DPW
DRY, DSF
YZP
YFP, YZV
NC
1
1
1, 5
A1
–
Not connected
A
2
2
2
B1
A1
Input
GND
3
3
3
C1
B1
Ground
Y
4
4
4
C2
B2
Output
VCC
5
5
6
A2
A2
Power pin
www.ti.com
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com