Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT.B Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G34DBVT.B
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVT.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G34DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
VOH
IOH = –100μA
1.65V to 5.5V
VCC – 0.1
VCC – 0.1
V
IOH = –4mA
1.65V
1.2
1.2
IOH = –8mA
2.3V
1.9
1.9
IOH = –16mA
3V
2.4
2.4
IOH = –24mA
2.3
2.3
IOH = –32mA
4.5V
3.8
3.8
VOL
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.45
IOL = 8mA
2.3V
0.3
0.3
IOL = 16mA
3V
0.4
0.4
IOL = 24mA
0.55
0.55
IOL = 32mA
4.5V
0.55
0.55
II
VI = 5.5V or GND
0 to 5.5V
±1
±2
μA
Ioff
VI or VO = 5.5V
0
±10
±10
μA
ICC
VI = 5.5V or GND,
IO = 0
1.65V to 5.5V
1
10
μA
ΔICC
One input at VCC – 0.6V,
Other inputs at VCC or GND
3V to 5.5V
500
500
μA
Ci
VI = VCC or GND
3.3V
3.5
pF
(1)
All typical values are at VCC = 3.3V, TA = 25°C.
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com