Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVT.B Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC1G34DBVT.B
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVT.B Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G34DBVT.B Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5.3 Recommended Operating Conditions
(1)
MIN
MAX UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65V to 1.95V
0.65 × VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 × VCC
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 × VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65V
–4
mA
VCC = 2.3V
–8
VCC = 3V
–16
–24
VCC = 4.5V
–32
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3V
16
24
VCC = 4.5V
32
Δt/Δv
Input transition rise or fall rate
VCC = 1.8V ± 0.15V, 2.5V ± 0.2V
20
ns/V
VCC = 3.3V ± 0.3V
10
VCC = 5V ± 0.5V
10
TA
Operating free-air temperature
DSBGA package
–40
85
°C
All other packages
-40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5.4 Thermal Information
THERMAL METRIC(1)
SN74LVC1G34
UNIT
DBV
DCK
DRL
DRY
YZP
DPW
5 PINS
5 PINS
5 PINS
6 PINS
5 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
357.1
371.0
243
439
130
340
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
263.7
297.5
78
277
54
215
RθJB
Junction-to-board thermal resistance
264.4
258.6
78
271
51
294
ψJT
Junction-to-top characterization parameter
195.6
195.6
10
84
1
41
ψJB
Junction-to-board characterization parameter
262.2
256.2
77
271
50
294
RθJC(bot) Junction-to-case (bottom) thermal resistance
–
–
–
–
–
250
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com