Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC1G97DBVR
Description  SN74LVC1G97 Configurable Multiple-Function Gate
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G97DBVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G97DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
SN74LVC1G97
SCES416N – DECEMBER 2002 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: SN74LVC1G97
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ...................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Switching Characteristics .......................................... 6
6.8
Operating Characteristics.......................................... 6
6.9
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 7
8
Detailed Description .............................................. 8
8.1
Overview ................................................................... 8
8.2
Functional Block Diagram ......................................... 8
8.3
Feature Description................................................... 8
8.4
Device Functional Modes.......................................... 8
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application ................................................. 11
10
Power Supply Recommendations ..................... 12
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Documentation Support ........................................ 14
12.2
Receiving Notification of Documentation Updates 14
12.3
Community Resources.......................................... 14
12.4
Trademarks ........................................................... 14
12.5
Electrostatic Discharge Caution ............................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (June 2015) to Revision N
Page
•
Changed body size for SN74LVC1G97DRY to 1.45 mm × 1.00 mm..................................................................................... 1
•
Changed body size for SN74LVC1G97DSF to 1.00 mm × 1.00 mm ..................................................................................... 1
•
Added Junction temperature, TJ in Absolute Maximum Ratings ........................................................................................... 4
•
Added Operating free-air temperature, TA for BGA package in Recommended Operating Conditions ................................ 4
•
Added Receiving Notification of Documentation Updates section ....................................................................................... 14
Changes from Revision L (December 2013) to Revision M
Page
•
Added Applications, Device Information table, Pin Configuration and Functions section, ESD Ratings table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
Changes from Revision K (October 2011) to Revision L
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Removed Ordering Information table. .................................................................................................................................... 1
•
Updated Ioff in Features .......................................................................................................................................................... 1
•
Updated operating temperature range. .................................................................................................................................. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com