Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1G97DBVR
Description  SN74LVC1G97 Configurable Multiple-Function Gate
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G97DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G97DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
In1
6
In2
2
GND
5
VCC
3
In0
4
Y
Not to scale
1
In1
6
In2
2
GND
5
VCC
3
In0
4
Y
Not to scale
1
In1
6
In2
2
GND
5
VCC
3
In0
4
Y
Not to scale
1
In1
6
In2
2
GND
5
VCC
3
In0
4
Y
Not to scale
1
2
C
B
A
Not to scale
In0
Y
GND
VCC
In1
In2
1
In1
6
In2
2
GND
5
VCC
3
In0
4
Y
Not to scale
3
SN74LVC1G97
www.ti.com
SCES416N – DECEMBER 2002 – REVISED JANUARY 2017
Product Folder Links: SN74LVC1G97
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
(Top View)
DCK Package
6-Pin SC70
(Top View)
DRL Package
6-Pin SOT
(Top View)
YZP Package
6-Pin DSBGA
(Bottom View)
DRY Package
6-Pin SON
(Top View)
DSF Package
6-Pin SON
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCT, DCU, DRY
YZP
In0
3
C1
I
Input 0
In1
1
A1
I
Input 1
In2
6
A2
I
Input 2
GND
2
B1
—
Ground
VCC
5
B2
—
Power
Y
4
C2
O
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com