| Electronic Components Datasheet Search |
|
SN74LVC244APWRG4.B Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC244APWRG4.B Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 43 page ![]() 5.5 Electrical Characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C –40 TO +85°C –40 TO +125°C UNIT MIN TYP MAX MIN MAX MIN MAX VOH IOH = –100µA 1.65V to 3.6V VCC – 0.2 VCC – 0.2 VCC – 0.3 V IOH = –4mA 1.65V 1.29 1.2 1.05 IOH = –8mA 2.3V 1.9 1.7 1.55 IOH = –12mA 2.7V 2.2 2.2 2.05 3V 2.4 2.4 2.25 IOH = –24mA 3V 2.3 2.2 2 VOL IOL = 100µA 1.65V to 3.6V 0.1 0.2 0.3 V IOL = 4mA 1.65V 0.24 0.45 0.6 IOL = 8mA 2.3V 0.3 0.7 0.75 IOL = 12mA 2.7V 0.4 0.4 0.6 IOL = 24mA 3V 0.55 0.55 0.8 II VI = 5.5V or GND 3.6V ±1 ±5 ±20 µA Ioff VI or VO = 5.5V 0 ±1 ±10 ±20 µA IOZ VO = 0 to 5.5V 3.6V ±1 ±10 ±20 µA ICC VI = VCC or GND IO = 0 3.6V 1 10 40 µA 3.6 V ≤ VI ≤ 5.5 V(1) 1 10 40 ΔICC One input at VCC – 0.6V, Other inputs at VCC or GND 2.7V to 3.6V 500 500 5000 µA Ci VI = VCC or GND 3.3V 4 pF Co VO = VCC or GND 3.3V 5.5 pF (1) This applies in the disabled state only. www.ti.com SN74LVC244A SCAS414AE – NOVEMBER 1992 – REVISED AUGUST 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: SN74LVC244A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |