Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041CD Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 3 Page - Texas Instruments

  THS4041CD Datasheet HTML 1Page - Texas Instruments THS4041CD Datasheet HTML 2Page - Texas Instruments THS4041CD Datasheet HTML 3Page - Texas Instruments THS4041CD Datasheet HTML 4Page - Texas Instruments THS4041CD Datasheet HTML 5Page - Texas Instruments THS4041CD Datasheet HTML 6Page - Texas Instruments THS4041CD Datasheet HTML 7Page - Texas Instruments THS4041CD Datasheet HTML 8Page - Texas Instruments THS4041CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
θJA
θJC
TA = 25°C
PACKAGE
θJA
(
°C/W)
θJC
(
°C/W)
TA = 25 C
POWER RATING
D
167†
38.3
740 mW
DGN‡
58.4
4.7
2.14 W
† This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC proposed
High-K test PCB, the
θJA is 95°C/W with a power rating at TA = 25°C of 1.32 W.
‡ This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 in. × 3 in.
PC. For further information, refer to Application Information section of this data sheet.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+ and VCC−
Dual supply
±4.5
±16
V
Supply voltage, VCC+ and VCC−
Single supply
9
32
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
85
°C
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
Rf = 200 Ω
Gain = 1
165
MHz
Dynamic performance small-signal bandwidth
VCC = ±5 V
Rf = 200 Ω
Gain = 1
150
MHz
Dynamic performance small-signal bandwidth
(−3 dB)
VCC = ±15 V
Rf = 1.3 kΩ
Gain = 2
60
MHz
BW
(−3 dB)
VCC = ±5 V
Rf = 1.3 kΩ
Gain = 2
60
MHz
BW
Bandwidth for 0.1 dB flatness
VCC = ±15 V
Rf = 200 Ω
Gain = 1
45
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Rf = 200 Ω
Gain = 1
45
MHz
Full power bandwidth§
VO(pp) = 20 V,
VCC = ±15 V
6.3
MHz
Full power bandwidth§
VO(pp) = 5 V,
VCC = ±5 V
20
MHz
SR
Slew rate‡
VCC = ±15 V,
20-V step,
Gain = 5
400
V/ s
SR
Slew rate‡
VCC = ±5 V,
5-V step,
Gain = −1
325
V/
µs
Settling time to 0.1%
VCC = ±15 V,
5-V step
Gain = −1
120
ns
ts
Settling time to 0.1%
VCC = ±5 V,
2-V step
Gain = −1
120
ns
ts
Settling time to 0.01%
VCC = ±15 V,
5-V step
Gain = −1
250
ns
Settling time to 0.01%
VCC = ±5 V,
2-V step
Gain = −1
280
ns
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
‡ Slew rate is measured from an output level range of 25% to 75%.
§ Full power bandwidth = slew rate / 2 π VO(Peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com