Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041CD Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 5 Page - Texas Instruments

  THS4041CD Datasheet HTML 1Page - Texas Instruments THS4041CD Datasheet HTML 2Page - Texas Instruments THS4041CD Datasheet HTML 3Page - Texas Instruments THS4041CD Datasheet HTML 4Page - Texas Instruments THS4041CD Datasheet HTML 5Page - Texas Instruments THS4041CD Datasheet HTML 6Page - Texas Instruments THS4041CD Datasheet HTML 7Page - Texas Instruments THS4041CD Datasheet HTML 8Page - Texas Instruments THS4041CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 250 Ω
±11.5
±13
V
VO
Output voltage swing
VCC = ±5 V
RL = 150 Ω
±3.2
±3.5
V
VO
Output voltage swing
VCC = ±15 V
RL = 1 kΩ
±13 ±13.6
V
VCC = ±5 V
RL = 1 kΩ
±3.5
±3.8
V
IO
Output current‡
VCC = ±15 V
RL = 20 Ω
80
100
mA
IO
Output current‡
VCC = ±5 V
RL = 20 Ω
50
65
mA
ISC
Short-circuit current‡
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
Ω
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
‡ Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ±15 V
TA = 25°C
8
9.5
ICC
Supply current (per amplifier)
VCC = ±15 V
TA = full range
11
mA
ICC
Supply current (per amplifier)
VCC = ±5 V
TA = 25°C
7
8.5
mA
VCC = ±5 V
TA = full range
10
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
75
84
dB
PSRR
Power supply rejection ratio
VCC = ±5 V or ±15 V
TA = full range
70
dB
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com