Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041CD Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4041CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4041CD Datasheet HTML 3Page - Texas Instruments THS4041CD Datasheet HTML 4Page - Texas Instruments THS4041CD Datasheet HTML 5Page - Texas Instruments THS4041CD Datasheet HTML 6Page - Texas Instruments THS4041CD Datasheet HTML 7Page - Texas Instruments THS4041CD Datasheet HTML 8Page - Texas Instruments THS4041CD Datasheet HTML 9Page - Texas Instruments THS4041CD Datasheet HTML 10Page - Texas Instruments THS4041CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
8
6
5
4
3
0
2
1
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
10M
100k
1M
100M
RL = 150 Ω
RL = 1 kΩ
VCC = ±15 V
Gain = 2
RF = 1.3 kΩ
VO = 0.4 Vrms
7
Figure 13
16
8
6
4
2
−4
0
−2
10
12
14
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
CL = 0.1 µF
RF = 1.3 kΩ
RL = 150 Ω
VO(PP) = 125 mV
CL = 10 pF
CL = 1000 pF
VCC = ±15 V
Gain = 2
Figure 14
16
8
6
4
2
−4
0
−2
10
12
14
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
CL = 100 pF
CL = 0.01 µF
VCC = ±15 V
Gain = 2
RF = 1.3 kΩ
RL = 150 Ω
VO(PP) = 125 mV
Figure 15
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
VCC = ±5 V
Gain = 2
RF = 1.3 kΩ
VO = 0.4 Vrms
RL = 150 Ω
RL = 1 kΩ
2
0
−1
−2
−3
−6
−4
−5
1
Figure 16
16
8
6
4
2
−4
0
−2
10
12
14
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±5 V
Gain = 2
RF = 1.3 kΩ
RL = 150 Ω
VO(PP)=125 mV
CL = 10 pF
CL = 1000 pF
CL = 0.1 µF
Figure 17
16
8
6
4
2
−4
0
−2
10
12
14
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±5 V
Gain = 2
RF = 1.3 kΩ
RL = 150 Ω
VO(PP) = 125 mV
CL = 100 pF
CL = 0.01 µF
Figure 18
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
VCC = ±15 V
Gain = −1
RF = 2 kΩ
VO = 0.2 Vrms
RL = 150 Ω
RL = 1 kΩ
1
0
−1
−2
−3
−6
−4
−5
2
Figure 19
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
VCC = ±15 V
Gain = −1
RF = 2 kΩ
RL = 150 Ω
VO(PP)=62 mV
CL = 0.1 µF
CL = 1000 pF
CL = 10 pF
4
2
0
−2
−4
−10
−6
−8
6
8
10
10
2
0
−2
−4
−10
−6
−8
8
6
4
OUTPUT AMPLITUDE
vs
FREQUENCY
f − Frequency − Hz
1G
10M
100k
1M
100M
CL = 100 pF
CL = 0.01 µF
Figure 20
VCC = ±15 V
Gain = −1
RF = 2 kΩ
RL = 150 Ω
VO(PP)=62 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com