Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 35 Page - Texas Instruments

Part # THS4522IPW
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4522IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 31Page - Texas Instruments THS4522IPW Datasheet HTML 32Page - Texas Instruments THS4522IPW Datasheet HTML 33Page - Texas Instruments THS4522IPW Datasheet HTML 34Page - Texas Instruments THS4522IPW Datasheet HTML 35Page - Texas Instruments THS4522IPW Datasheet HTML 36Page - Texas Instruments THS4522IPW Datasheet HTML 37Page - Texas Instruments THS4522IPW Datasheet HTML 38Page - Texas Instruments THS4522IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
Rf1
1 k
R1
500
Rg1
187
Rg2
215
Rt
59
Output
Measurement
Point
THS452x
Wideband,
Fully-Differential Amplifier
Rf2
1 k
50-Input Match,
Gain of 5 V/V from Rt,
Single-Ended Source to
Differential Step-Response Test
50-
Source
+
–
Vcc
+
–
Vocm
Vcc
FDA
PD
C2
100 nF
Rf1
1.02 k
Rload
500
Rg1
499
C1
100 nF
Rg2
523
Rt
52.3
Output
Measurement
Point
THS452x
Wideband,
Fully-Differential Amplifier
50-Input Match,
Gain of 2 V/V from Rt,
Single-Ended Source to
Differential Output
Vocm
Rf2
1.02 k
50-
Source
+
–
Vcc
+
–
Vocm
Vcc
FDA
PD
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
Device Functional Modes (continued)
Figure 74. AC-coupled, Single-ended Source to a Differential Gain of 2 V/V Test Circuit
8.4.1.2 DC-Coupled Input Signal Path Considerations for Single-Ended to Differential Conversion
The output considerations remain the same as for the ac-coupled design. Again, the input can be dc-coupled
while the output is ac-coupled. A dc-coupled input with an ac-coupled output might have some advantages to
move the input VICM down if the source is ground referenced. When the source is dc-coupled into the THS452x
family (see Figure 75 ), both sides of the input circuit must be dc-coupled to retain differential balance. Normally,
the non-signal input side has an RG element biased to whatever the source midrange is expected to be.
Providing this midscale reference gives a balanced differential swing around VOCM at the outputs.
Often, RG2 is simply grounded for dc-coupled, bipolar-input applications. This configuration gives a balanced
differential output if the source is swinging around ground. If the source swings from ground to some positive
voltage, grounding RG2 gives a unipolar output differential swing from both outputs at VOCM (when the input is at
ground) to one polarity of swing. Biasing RG2 to an expected midpoint for the input signal creates a differential
output swing around VOCM.
One significant consideration for a dc-coupled input is that VOCM sets up a common-mode bias current from the
output back through RF and RG to the source on both sides of the feedback. Without input balancing networks,
the source must sink or source this dc current. After the input signal range and biasing on the other RG element
is set, check that the voltage divider from VOCM to VIN through RF and RG (and possibly RS) establishes an input
VICM at the device input pins that is in range.
If the average source is at ground, the negative rail input stage for the THS452x family is in range for
applications using a single positive supply and a positive output VOCM setting because this dc current lifts the
average FDA input summing junctions up off of ground to a positive voltage (the average of the V+ and V– input
pin voltages on the FDA).
Figure 75. DC-Coupled, Single-Ended-to-Differential, Set for a Gain of 5 V/V
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com