Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 47 Page - Texas Instruments

Part # THS4522IPW
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4522IPW Datasheet(HTML) 47 Page - Texas Instruments

Back Button THS4522IPW Datasheet HTML 43Page - Texas Instruments THS4522IPW Datasheet HTML 44Page - Texas Instruments THS4522IPW Datasheet HTML 45Page - Texas Instruments THS4522IPW Datasheet HTML 46Page - Texas Instruments THS4522IPW Datasheet HTML 47Page - Texas Instruments THS4522IPW Datasheet HTML 48Page - Texas Instruments THS4522IPW Datasheet HTML 49Page - Texas Instruments THS4522IPW Datasheet HTML 50Page - Texas Instruments THS4522IPW Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
THS4521
ADS1278 (CH1)
V
OCM
5V
V
COM
2.2nF
AINN1
AINP1
x1
1/2
OPA2350
1.5nF
1.5nF
V
IN+
V
IN-
1kW
1kW
1kW
49.9 W
49.9 W
0.1 F
m
0.1 F
m
1kW
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
9.2.2 ADC Driver Performance: THS4521 and ADS1278 Combined Performance
The THS4521 provides excellent performance when driving high-performance
ΔΣ and successive approximation
register (SAR) ADCs in audio and industrial applications using a single 3-V to 5-V power supply. To show
achievable performance, the THS4521 is tested as the drive amplifier for the ADS1278 24-bit ADC. The
ADS1278 offers excellent ac and DC performance, with four selectable operating
modes from 10 kSPS to 128 kSPS to enable the user to fine-tune performance and power for specific application
needs. The circuit shown in Figure 85 was used to test the performance. Data were taken using the High-
Resolution mode (52 kSPS) of the ADS1278 with input frequencies at 1 kHz and 10 kHz and signal levels 1/2 dB
below full-scale (–0.5 dBFS). FFT plots showing the spectral performance are given in Figure 87 and Figure 88;
tabulated ac analysis results are shown in Table 11 and compared to the ADS1278 data sheet typical
performance specifications.
Figure 85. THS4521 and ADS1278 (Ch 1) Test Circuit
9.2.2.1 Design Requirements
Table 11. AC Analysis
Configuration
Tone
Signal (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
THS4521 and
1 kHz
–0.5
109
–108
105
114
ADS1278
10 kHz
–0.5
102
–110
101
110
ADS1278 Data
1 kHz
–0.5
110
–108
—
109
sheet (typ)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com