Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071ACDR Datasheet(PDF) 20 Page - Texas Instruments

Part # TL071ACDR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071ACDR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL071ACDR Datasheet HTML 16Page - Texas Instruments TL071ACDR Datasheet HTML 17Page - Texas Instruments TL071ACDR Datasheet HTML 18Page - Texas Instruments TL071ACDR Datasheet HTML 19Page - Texas Instruments TL071ACDR Datasheet HTML 20Page - Texas Instruments TL071ACDR Datasheet HTML 21Page - Texas Instruments TL071ACDR Datasheet HTML 22Page - Texas Instruments TL071ACDR Datasheet HTML 23Page - Texas Instruments TL071ACDR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
5.10 Typical Characteristics: TL07xH (continued)
at TA = 25°C, VS = 40 V ( ±20 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 20 pF (unless otherwise noted)
VCM = VS / 2
Figure 5-19. Quiescent Current vs Supply Voltage
Figure 5-20. Quiescent Current vs Temperature
Figure 5-21. Open-Loop Voltage Gain vs Temperature
Figure 5-22. Open-Loop Output Impedance vs Frequency
G = –1, 25-mV output step
Figure 5-23. Small-Signal Overshoot vs Capacitive Load
G = 1, 10-mV output step
Figure 5-24. Small-Signal Overshoot vs Capacitive Load
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com