Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071ACDR Datasheet(PDF) 49 Page - Texas Instruments

Part # TL071ACDR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071ACDR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TL071ACDR Datasheet HTML 45Page - Texas Instruments TL071ACDR Datasheet HTML 46Page - Texas Instruments TL071ACDR Datasheet HTML 47Page - Texas Instruments TL071ACDR Datasheet HTML 48Page - Texas Instruments TL071ACDR Datasheet HTML 49Page - Texas Instruments TL071ACDR Datasheet HTML 50Page - Texas Instruments TL071ACDR Datasheet HTML 51Page - Texas Instruments TL071ACDR Datasheet HTML 52Page - Texas Instruments TL071ACDR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
www.ti.com
PACKAGE OUTLINE
10.16
9.00
7.11
6.22
1.60
0.38
6X 2.54
8X
0.58
0.38
4X
1.65
1.14
0.51
MIN
3.30
MIN
5.08 MAX
7.87
7.37
0.36
0.20
TYP
0 -15 TYP
4X (0.94)
CDIP - 5.08 mm max height
JG0008A
CERAMIC DUAL IN-LINE PACKAGE
4230036/A 09/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package can be hermetically sealed with a ceramic lid using glass frit.
4. Index point is provided on cap for terminal identification.
5. Falls within MIL STD 1835 GDIP1-T8
SEATING PLANE
0.25 C A B
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com