Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071ACDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TL071ACDR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071ACDR Datasheet(HTML) 1 Page - Texas Instruments

  TL071ACDR Datasheet HTML 1Page - Texas Instruments TL071ACDR Datasheet HTML 2Page - Texas Instruments TL071ACDR Datasheet HTML 3Page - Texas Instruments TL071ACDR Datasheet HTML 4Page - Texas Instruments TL071ACDR Datasheet HTML 5Page - Texas Instruments TL071ACDR Datasheet HTML 6Page - Texas Instruments TL071ACDR Datasheet HTML 7Page - Texas Instruments TL071ACDR Datasheet HTML 8Page - Texas Instruments TL071ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
TL07xx Low-Noise, FET-Input Operational Amplifiers
1 Features
• High slew rate: 20V/μs (TL07xH, typ)
• Low offset voltage: 1mV (TL07xH, typ)
• Low offset voltage drift: 2μV/°C
• Low power consumption: 940μA/ch (TL07xH, typ)
• Wide common-mode and differential
voltage ranges
– Common-mode input voltage range
includes VCC+
• Low input bias and offset currents
• Low noise:
– Vn = 37nV/√Hz (typ) at f = 1kHz
• Output short-circuit protection
• Low total harmonic distortion: 0.003% (typ)
• Wide supply voltage:
– ±2.25V to ±20V, 4.5V to 40V
2 Applications
• Solar energy: string and central inverter
• Motor drives: ac and servo drive control and
power-stage modules
• Single-phase online UPS
• Three-phase UPS
• Pro audio mixers
• Battery test equipment
3 Description
The TL071H, TL072H, and TL074H (TL07xH) family
of devices are next-generation versions of the
industry-standard TL071, TL072, and TL074 (TL07x)
devices. These devices provide outstanding value for
cost-sensitive applications, with features including low
offset (1mV, typical), high slew rate (20V/μs), and
common-mode input to the positive supply.
High ESD (1.5kV, HBM), integrated EMI and RF
filters, and operation across the full –40°C to +125°C
range enable the TL07xH devices for use in the most
rugged and demanding applications.
Device Information
PART
NUMBER(1)
CHANNEL COUNT
PACKAGE
TL071x
Single
D (SOIC, 8)
DBV (SOT-23, 5)
DCK (SC70, 5)
P (PDIP, 8)
PS (SO, 8)
TL072x
Dual
D (SOIC, 8)
DDF (SOT-23-THIN, 8)
P (PDIP, 8)
PS (SO, 8)
PW (TSSOP, 8)
TL072M(2)
Dual
FK (LCCC, 20)
JG (CDIP, 8)
U (CFP, 10)
TL074x
Quad
D (SOIC, 14)
DB (SSOP, 14)
DYY (SOT-23-THIN, 14)
N (PDIP, 14)
NS (SOP, 14)
PW (TSSOP, 14)
TL074M(2)
Quad
FK (LCCC, 20)
J (CDIP, 14)
W (CFP, 14)
(1)
For more information, see Section 11.
(2)
Devices with M suffix have an extended temperature range of
–55°C to +125°C.
TL071 for PS Package (SO, 8) Only
+
−
IN+
IN
OUT
+
−
IN+
IN
OUT
OFFSET N1
OFFSET N2
TL071 (Each Amplifier)
TL072 (Each Amplifier)
TL074 (Each Amplifier)
Logic Symbols
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL071ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL071ACDR TI-TL071ACDR Datasheet
903Kb / 36P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071ACDR TI-TL071ACDR Datasheet
1Mb / 41P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071ACDR TI-TL071ACDR Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071ACDR TI-TL071ACDR Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071ACDR TI1-TL071ACDR Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL071ACDR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_V01 Datasheet
2Mb / 69P
TL07xx Low-Noise JFET-Input Operational Amplifiers
TL072 TI-TL072_V01 Datasheet
4Mb / 80P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V02 Datasheet
4Mb / 75P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V04 Datasheet
5Mb / 88P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V06 Datasheet
5Mb / 87P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V07 Datasheet
5Mb / 93P
TL07xx Low-Noise FET-Input Operational Amplifiers
DECEMBER 2021
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com