Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDR Datasheet(PDF) 16 Page - Texas Instruments

Part # TL072ACDR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL072ACDR Datasheet HTML 12Page - Texas Instruments TL072ACDR Datasheet HTML 13Page - Texas Instruments TL072ACDR Datasheet HTML 14Page - Texas Instruments TL072ACDR Datasheet HTML 15Page - Texas Instruments TL072ACDR Datasheet HTML 16Page - Texas Instruments TL072ACDR Datasheet HTML 17Page - Texas Instruments TL072ACDR Datasheet HTML 18Page - Texas Instruments TL072ACDR Datasheet HTML 19Page - Texas Instruments TL072ACDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
5.8 Electrical Characteristics (DC) for TL07xC, TL07xAC, TL07xBC, TL07xI, TL07xM (continued)
at VS = (VCC+) – (VCC–) = ±15 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
MAX
UNIT
IQ
Quiescent current per
amplifier
VO = 0 V, no load
1.4
2.5
mA
Channel separation
f = 0 Hz
1
µV/V
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified.
(2)
Full range is TA = 0°C to 70°C for the TL07xC, TL07xAC, and TL07xBC; TA = –40°C to +85°C for the TL07xI; and TA = –55°C to
+125°C for the TL07xM.
5.9 Electrical Characteristics (AC) for TL07xC, TL07xAC, TL07xBC, TL07xI, TL07xM
at VS = (VCC+) – (VCC–) = ±15 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC
SR
Slew rate
VI = 10 V, CL = 100 pF,
RL = 2 kΩ
TL07xM
5
20
V/μs
TL07xC, TL07xAC,
TL07xBC, TL07xI
8
20
V/μs
tS
Settling time
VI = 20 V, CL = 100 pF, RL = 2 kΩ
0.1
μs
20%
eN
Input voltage noise density
All PS and NS packages,
all TL07xM devices
RS = 20 Ω, f = 1 kHz
18
nV/√Hz
All other devices
f = 1 kHz
37
nV/√Hz
f = 10 kHz
21
EN
Input voltage noise
All PS and NS packages,
all TL07xM devices
RS = 20 Ω,
f = 10 Hz to 10 kHz
4
μVRMS
All other devices
f = 0.1 Hz to 10 Hz
1.4
µVRMS
iN
Input current noise
RS = 20 Ω, f = 1 kHz
10
fA/√Hz
Phase margin
TL07xC, TL07xAC,
TL07xBC, TL07xI
G = +1, RL = 10kΩ,
CL = 20 pF
56
°
Overload recovery time
VIN × gain > VS
300
ns
THD+N
Total harmonic distortion +
noise
All PS and NS packages,
all TL07xM devices
VO = 6 VRMS, RL ≥ 2 kΩ,
f = 1 kHz, G = +1, RS ≤ 1 kΩ
0.003
%
All other devices
VS = 40 V, VO = 6 VRMS,
G = +1, f = 1 kHz
0.00012
%
EMIRR
EMI rejection ratio
TL07xC, TL07xAC,
TL07xBC, TL07xI
f = 1 GHz
53
dB
ZO
Open-loop output
impedance
TL07xC, TL07xAC,
TL07xBC, TL07xI
f = 1 MHz, IO = 0 A
125
Ω
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com