Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDR Datasheet(PDF) 47 Page - Texas Instruments

Part # TL072ACDR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TL072ACDR Datasheet HTML 43Page - Texas Instruments TL072ACDR Datasheet HTML 44Page - Texas Instruments TL072ACDR Datasheet HTML 45Page - Texas Instruments TL072ACDR Datasheet HTML 46Page - Texas Instruments TL072ACDR Datasheet HTML 47Page - Texas Instruments TL072ACDR Datasheet HTML 48Page - Texas Instruments TL072ACDR Datasheet HTML 49Page - Texas Instruments TL072ACDR Datasheet HTML 50Page - Texas Instruments TL072ACDR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Oct-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
81023052A
FK
LCCC
20
55
506.98
12.06
2030
NA
8102305HA
U
CFP
10
25
506.98
26.16
6220
NA
81023062A
FK
LCCC
20
55
506.98
12.06
2030
NA
8102306DA
W
CFP
14
25
506.98
26.16
6220
NA
TL071ACP
P
PDIP
8
50
506
13.97
11230
4.32
TL071ACP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL071BCP
P
PDIP
8
50
506
13.97
11230
4.32
TL071BCP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL071CP
P
PDIP
8
50
506
13.97
11230
4.32
TL071CP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL071IP
P
PDIP
8
50
506
13.97
11230
4.32
TL071IP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL072ACP
P
PDIP
8
50
506
13.97
11230
4.32
TL072ACP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL072ACPS
PS
SOP
8
80
530
10.5
4000
4.1
TL072ACPS.A
PS
SOP
8
80
530
10.5
4000
4.1
TL072BCP
P
PDIP
8
50
506
13.97
11230
4.32
TL072BCP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL072CP
P
PDIP
8
50
506
13.97
11230
4.32
TL072CP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL072CPS
PS
SOP
8
80
530
10.5
4000
4.1
TL072CPS.A
PS
SOP
8
80
530
10.5
4000
4.1
TL072IP
P
PDIP
8
50
506
13.97
11230
4.32
TL072IP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL072MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
TL072MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
TL072MUB
U
CFP
10
25
506.98
26.16
6220
NA
TL072MUB.A
U
CFP
10
25
506.98
26.16
6220
NA
TL074ACN
N
PDIP
14
25
506
13.97
11230
4.32
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com