Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDR Datasheet(PDF) 29 Page - Texas Instruments

Part # TL072ACDR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TL072ACDR Datasheet HTML 25Page - Texas Instruments TL072ACDR Datasheet HTML 26Page - Texas Instruments TL072ACDR Datasheet HTML 27Page - Texas Instruments TL072ACDR Datasheet HTML 28Page - Texas Instruments TL072ACDR Datasheet HTML 29Page - Texas Instruments TL072ACDR Datasheet HTML 30Page - Texas Instruments TL072ACDR Datasheet HTML 31Page - Texas Instruments TL072ACDR Datasheet HTML 32Page - Texas Instruments TL072ACDR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
7 Detailed Description
7.1 Overview
The TL07xH (TL071H, TL072H, and TL074H) family of devices are the next-generation versions of the industry-
standard TL07x (TL071, TL072, and TL074) devices. These devices provide outstanding value for cost-sensitive
applications, with features including low offset (1 mV, typical), high slew rate (20 V/μs, typical), and common-
mode input to the positive supply. High ESD (2 kV, HBM), integrated EMI and RF filters, and operation across
the full –40°C to 125°C enable the TL07xH devices to be used in the most rugged and demanding applications.
The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized
for operation from −40°C to +85°C. The M-suffix devices are characterized for operation over the full military
temperature range of −55°C to +125°C.
7.2 Functional Block Diagram
V+
V
IN+
V
IN–
V–
(Ground)
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
Reference
Current
7.3 Feature Description
The TL07xH family of devices improve many specifications as compared to the industry-standard TL07x family.
Several comparisons of key specifications between these families are included in the following sections to show
the advantages of the TL07xH family.
7.3.1 Total Harmonic Distortion
Harmonic distortions to an audio signal are created by electronic components in a circuit. Total harmonic
distortion (THD) is a measure of harmonic distortions accumulated by a signal in an audio system. These
devices have a very low THD of 0.003% meaning that the TL07x device adds little harmonic distortion when
used in audio signal applications.
7.3.2 Slew Rate
The slew rate is the rate at which an operational amplifier can change the output when there is a change on the
input. These devices have a 20-V/μs slew rate.
7.4 Device Functional Modes
These devices are powered on when the supply is connected. These devices can be operated as a single-supply
operational amplifier or dual-supply amplifier depending on the application.
www.ti.com
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com