Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV313IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV313IDBVT
Description  TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV313IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV313IDBVT Datasheet HTML 1Page - Texas Instruments TLV313IDBVT Datasheet HTML 2Page - Texas Instruments TLV313IDBVT Datasheet HTML 3Page - Texas Instruments TLV313IDBVT Datasheet HTML 4Page - Texas Instruments TLV313IDBVT Datasheet HTML 5Page - Texas Instruments TLV313IDBVT Datasheet HTML 6Page - Texas Instruments TLV313IDBVT Datasheet HTML 7Page - Texas Instruments TLV313IDBVT Datasheet HTML 8Page - Texas Instruments TLV313IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Temperature (oC)
C001
PSRR
CMRR
V
CM = ±0.2 V to 5.2 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV313, TLV2313, TLV4313
SBOS753B – JUNE 2016 – REVISED FEBRUARY 2017
TLVx313 Low-Power, Rail-to-Rail In/Out, 500-µV Typical Offset,
1-MHz Operational Amplifier for Cost-Sensitive Systems
1
1 Features
1
•
Precision Amplifier for Cost-Sensitive Systems
•
Low IQ: 65 µA/ch
•
Wide Supply Range: 1.8 V to 5.5 V
•
Low Noise: 26 nV/
√Hz at 1 kHz
•
Gain Bandwidth: 1 MHz
•
Rail-to-Rail Input/Output
•
Low Input Bias Current: 1 pA
•
Low Offset Voltage: 0.75 mV
•
Unity-Gain Stable
•
Internal RF/EMI Filter
•
Extended Temperature Range:
–40°C to +125°C
2 Applications
•
Medical and Healthcare
•
Fitness and Wearable Electronics
•
Utility Metering (Heat, Water, Energy)
•
Building Automation Equipment
•
Currency Counters
CMRR and PSRR vs Temperature
3 Description
The TLV313 family of single-, dual-, and quad-
channel precision operational amplifiers combine low
power consumption with good performance. This
makes them suitable for a wide range of applications,
such
as
wearables,
utility
metering,
building
automation, currency counters and more. The family
features rail-to-rail input and output (RRIO) swings,
low quiescent current (65 μA, typical), wide bandwidth
(1 MHz) and very low noise (26 nV/
√Hz at 1 kHz),
making it attractive for a variety of battery-powered
applications that require a good balance between
cost and performance. Further, low-input-bias current
enables these devices to be used in applications with
megaohm source impedances.
The robust design of the TLV313 devices provides
ease-of-use to the circuit designer: unity-gain stability
with capacitive loads of up to 150 pF, integrated
RF/EMI rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
The devices are optimized for operation at voltages
as low as +1.8 V (±0.9 V) and up to +5.5 V (±2.75 V),
and are specified over the extended temperature
range of –40°C to +125°C.
The single-channel TLV313 device is available in
both SC70-5 and SOT23-5 packages. The dual-
channel TLV2313 device is offered in SOIC-8 and
VSSOP-8 packages, and the quad-channel TLV4313
device is offered in a TSSOP-14 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV313
SC70 (5)
2.00 mm × 1.25 mm
SOT23 (5)
2.90 mm × 1.60 mm
TLV2313
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV4313
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV313IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313IDBVT TI1-TLV313IDBVT Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results

Similar Description - TLV313IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV313 TI1-TLV313 Datasheet
2Mb / 39P
Low-Power, Rail-to-Rail In/Out, 500-muV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001_16 Datasheet
2Mb / 37P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1 Datasheet
1Mb / 28P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313-Q1 TI1-OPA2313-Q1 Datasheet
2Mb / 32P
Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV313-Q1 TI1-TLV313-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com