Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV313IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV313IDBVT
Description  TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV313IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV313IDBVT Datasheet HTML 8Page - Texas Instruments TLV313IDBVT Datasheet HTML 9Page - Texas Instruments TLV313IDBVT Datasheet HTML 10Page - Texas Instruments TLV313IDBVT Datasheet HTML 11Page - Texas Instruments TLV313IDBVT Datasheet HTML 12Page - Texas Instruments TLV313IDBVT Datasheet HTML 13Page - Texas Instruments TLV313IDBVT Datasheet HTML 14Page - Texas Instruments TLV313IDBVT Datasheet HTML 15Page - Texas Instruments TLV313IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
TLV313, TLV2313, TLV4313
SBOS753B – JUNE 2016 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TLV313 TLV2313 TLV4313
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.9 Typical Characteristics: Table of Graphs
Table 1. Table of Graphs
TITLE
FIGURE
Open-Loop Gain and Phase vs Frequency
Figure 1
Quiescent Current vs Supply Voltage
Figure 2
Offset Voltage Production Distribution
Figure 3
Offset Voltage vs Common-Mode Voltage (Maximum Supply)
Figure 4
CMRR and PSRR vs Frequency (RTI)
Figure 5
0.1-Hz to 10-Hz Input Voltage Noise (5.5 V)
Figure 6
Input Voltage Noise Spectral Density vs Frequency (1.8 V, 5.5 V)
Figure 7
Input Bias and Offset Current vs Temperature
Figure 8
Open-Loop Output Impedance vs Frequency
Figure 9
Maximum Output Voltage vs Frequency and Supply Voltage
Figure 10
Output Voltage Swing vs Output Current (over Temperature)
Figure 11
Closed-Loop Gain vs Frequency, G = 1, –1, 10 (1.8 V)
Figure 12
Small-Signal Step Response, Noninverting (1.8 V)
Figure 13
Small-Signal Step Response, Noninverting ( 5.5 V)
Figure 14
Large-Signal Step Response, Noninverting (1.8 V)
Figure 15
Large-Signal Step Response, Noninverting ( 5.5 V)
Figure 16
No Phase Reversal
Figure 17
EMIRR IN+ vs Frequency
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com