Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV313IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV313IDBVT
Description  TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV313IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV313IDBVT Datasheet HTML 7Page - Texas Instruments TLV313IDBVT Datasheet HTML 8Page - Texas Instruments TLV313IDBVT Datasheet HTML 9Page - Texas Instruments TLV313IDBVT Datasheet HTML 10Page - Texas Instruments TLV313IDBVT Datasheet HTML 11Page - Texas Instruments TLV313IDBVT Datasheet HTML 12Page - Texas Instruments TLV313IDBVT Datasheet HTML 13Page - Texas Instruments TLV313IDBVT Datasheet HTML 14Page - Texas Instruments TLV313IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
TLV313, TLV2313, TLV4313
www.ti.com
SBOS753B – JUNE 2016 – REVISED FEBRUARY 2017
Product Folder Links: TLV313 TLV2313 TLV4313
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics: 1.8 V (continued)
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS+ – 1.3 V, and VOUT = VS / 2, unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Specified by design and characterization; not production tested.
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 10 pF
0.9
MHz
SR
Slew rate
G = +1
0.45
V/μs
tS
Settling time
To 0.01%, VS = 5.0 V, 2-V step , G = +1
6
μs
Overload recovery time
VS = 5.0 V, VIN × Gain > VS
3
μs
OUTPUT
VO
Voltage output swing from supply
rails
RL = 100 kΩ
(2)
5
mV
RL = 2 kΩ
(2)
25
mV
ISC
Short-circuit current
±6
mA
RO
Open-loop output impedance
2300
Ω
POWER SUPPLY
VS
Specified voltage range
1.8 (±0.9)
5.5 (±2.75)
V
IQ
Quiescent current per amplifier
TA = –40°C to 125°C, VS = 5.0 V, IO = 0 mA
65
90
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com