Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4376IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV4376IPWR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV4376IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV4376IPWR Datasheet HTML 3Page - Texas Instruments TLV4376IPWR Datasheet HTML 4Page - Texas Instruments TLV4376IPWR Datasheet HTML 5Page - Texas Instruments TLV4376IPWR Datasheet HTML 6Page - Texas Instruments TLV4376IPWR Datasheet HTML 7Page - Texas Instruments TLV4376IPWR Datasheet HTML 8Page - Texas Instruments TLV4376IPWR Datasheet HTML 9Page - Texas Instruments TLV4376IPWR Datasheet HTML 10Page - Texas Instruments TLV4376IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7
Electrical Characteristics
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
TLV376, TLV2376
40
100
µV
TLV4376
50
125
dVOS/dT
Offset voltage vs temperature
TA = –40°C to +125°C
1.0
μV/°C
PSRR
Power-supply rejection ratio
VS = 2.2 V to 5.5 V, VCM < (V+) – 1.3 V
84
110
dB
Channel separation, dc
TLV2376, TLV4376
0.5
mV/V
INPUT BIAS CURRENT
IB
Input bias current
0.3
pA
TA = –40°C to +125°C
See Typical Characteristics
IOS
Input offset current
0.2
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.2
µVPP
en
Input voltage noise density
f = 1 kHz
8.0
nV/
√Hz
in
Input current noise
f = 1 kHz
2
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.3 V
72
88
dB
INPUT CAPACITANCE
Differential
6.5
pF
Common-mode
13
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
100 mV < VO < (V+) – 100 mV, RL = 2 kΩ
100
126
dB
FREQUENCY RESPONSE (CL = 100 pF, VS = 5.5 V)
GBW
Gain-bandwidth product
5.5
MHz
SR
Slew rate
G = 1
2
V/µs
tS
Settling time
To 0.1%, 2-V step , G = 1
1.6
µs
To 0.01%, 2-V step , G = 1
2
Overload recovery time
VIN × gain > VS
0.33
μs
THD+N
Total harmonic distortion + noise
VO = 1 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
0.0005%
OUTPUT
Voltage output swing from rail
RL = 10 kΩ
10
20
mV
ISC
Short-circuit current
Sourcing
30
mA
Sinking
–50
CLOAD
Capacitive load drive
See Typical Characteristics
RO
Open-loop output impedance
150
Ω
POWER SUPPLY
VS
Specified voltage range
2.2
5.5
V
Operating voltage range
2 to 5.5
V
IQ
Quiescent current per amplifier
IO = 0 mA, VS = 5.5 V, VCM < (V+) – 1.3 V
815
1200
μA
TEMPERATURE
Specified range
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com