Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4376IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV4376IPWR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV4376IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV4376IPWR Datasheet HTML 9Page - Texas Instruments TLV4376IPWR Datasheet HTML 10Page - Texas Instruments TLV4376IPWR Datasheet HTML 11Page - Texas Instruments TLV4376IPWR Datasheet HTML 12Page - Texas Instruments TLV4376IPWR Datasheet HTML 13Page - Texas Instruments TLV4376IPWR Datasheet HTML 14Page - Texas Instruments TLV4376IPWR Datasheet HTML 15Page - Texas Instruments TLV4376IPWR Datasheet HTML 16Page - Texas Instruments TLV4376IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
-0.5
3
2
1
0
-1
-2
-3
InputCommon-ModeVoltage(V)
6.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
+V
-V
10
to
W
20W
V+
V
IN
V
OUT
R
S
R
L
C
L
TLV376
Copyright © 2016, Texas Instruments Incorporated
13
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Input Offset Voltage and Input Offset Voltage Drift
The TLVx376 family of operational amplifiers is manufactured using TI's e-trim™ technology. Each amplifier is
trimmed in production, thereby minimizing errors associated with input offset voltage and input offset voltage drift.
The e-trim™ technology is a TI proprietary method of trimming internal device parameters during either wafer
probing or final testing.
The TLVx376 in a unity-gain configuration can directly drive up to 250 pF of pure capacitive load. Increasing the
gain enhances the ability of the amplifier to drive greater capacitive loads; see Figure 16. In unity-gain
configurations, capacitive load drive can be improved by inserting a small (10
Ω to 20 Ω) resistor, RS, in series
with the output, as shown in Figure 22. This resistor significantly reduces ringing and maintains dc performance
for purely capacitive loads. However, if there is a resistive load in parallel with the capacitive load, a voltage
divider is created, introducing a gain error at the output and slightly reducing the output swing. The error
introduced is proportional to the ratio RS / RL, and is generally negligible at low output current levels.
Figure 22. Improving Capacitive Load Drive
7.3.4 Common-Mode Voltage Range
The input common-mode voltage range of the TLVx376 series extends 100 mV beyond the supply rails. The
offset voltage of the amplifier is very low, from approximately (V–) to (V+) – 1 V, as shown in Figure 23. The
offset voltage increases when common-mode voltage exceeds (V+) –1 V. Common-mode rejection is specified
from (V–) to (V+) – 1.3 V.
Figure 23. Offset and Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com