Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4376IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV4376IPWR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV4376IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV4376IPWR Datasheet HTML 5Page - Texas Instruments TLV4376IPWR Datasheet HTML 6Page - Texas Instruments TLV4376IPWR Datasheet HTML 7Page - Texas Instruments TLV4376IPWR Datasheet HTML 8Page - Texas Instruments TLV4376IPWR Datasheet HTML 9Page - Texas Instruments TLV4376IPWR Datasheet HTML 10Page - Texas Instruments TLV4376IPWR Datasheet HTML 11Page - Texas Instruments TLV4376IPWR Datasheet HTML 12Page - Texas Instruments TLV4376IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
-50
-25
Temperature ( C)
°
150
50
100
0
25
75
125
1000
900
800
700
600
500
400
300
200
100
0
0
3
2
1
0
-1
-2
-3
Output Current (mA)
80
10
60
20
30
40
50
70
+150 C
°
+125 C
°
+25 C
°
-
°
40 C
2
2.5
1000
900
800
700
600
500
50
40
30
20
10
0
Supply Voltage (V)
5.5
3
3.5
4
4.5
5
I
SC+
I
Q
-50
-25
75
50
25
0
-25
-50
-75
-100
Temperature ( C)
°
150
50
100
0
25
75
125
I
SC+
I
SC-
-50
-25
1000
900
800
700
600
500
Temperature( C)
°
150
50
100
0
25
75
125
-50
-25
110
100
90
80
70
60
50
Temperature( C)
°
150
50
100
0
25
75
125
9
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 7. Common-Mode Rejection Ratio vs Temperature
Figure 8. Quiescent Current vs Temperature
Figure 9. Quiescent and Short-Circuit Current vs
Supply Voltage
VS = ±2.75 V
Figure 10. Short-Circuit Current vs Temperature
Figure 11. Input Bias Current vs Temperature
VS = ±2.75 V
Figure 12. Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com