Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70233DBVR.A Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV70233DBVR.A
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV70233DBVR.A Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV70233DBVR.A Datasheet HTML 11Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 12Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 13Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 14Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 15Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 16Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 17Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 18Page - Texas Instruments TLV70233DBVR.A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
P =(V
V
)
I
-
´
D
IN
OUT
OUT
15
TLV702
www.ti.com
SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019
Product Folder Links: TLV702
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
9 Power Supply Recommendations
Connect a low output impedance power supply directly to the INPUT pin of the TLV702. Inductive impedances
between the input supply and the INPUT pin can create significant voltage excursions at the INPUT pin during
start-up or load transient events.
9.1 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations in
the printed-circuit-board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to the ambient air.
Refer to Thermal Information for thermal performance on the TLV702 evaluation module (EVM). The EVM is a
two-layer board with two ounces of copper per side.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of
the output current and the voltage drop across the output pass element, as shown in Equation 2.
(2)
10 Layout
10.1 Layout Guidelines
Input and output capacitors should be placed as close to the device pins as possible. To improve AC
performance such as PSRR, output noise, and transient response, TI recommends designing the board with
separate ground planes for VIN and VOUT, with the ground plane connected only at the GND pin of the device. In
addition, the ground connection for the output capacitor should be connected directly to the GND pin of the
device. High ESR capacitors may degrade PSRR performance.
10.1.1 Thermal Consideration
Thermal protection disables the output when the junction temperature rises to approximately 165°C, allowing the
device to cool. When the junction temperature cools to approximately 145°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage as a
result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature should be limited to 125°C maximum.
To estimate the margin of safety in a complete design (including heatsink), increase the ambient temperature
until the thermal protection is triggered; use worst-case loads and signal conditions.
The internal protection circuitry of the TLV702 has been designed to protect against overload conditions. It was
not intended to replace proper heatsinking. Continuously running the TLV702 into thermal shutdown degrades
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com