| Electronic Components Datasheet Search |
|
TLV70233DBVR.A Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV70233DBVR.A Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 37 page ![]() 12 TLV702 SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019 www.ti.com Product Folder Links: TLV702 Submit Documentation Feedback Copyright © 2010–2019, Texas Instruments Incorporated Feature Description (continued) 7.3.3 Dropout Voltage The TLV702 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout voltage (VDO), the PMOS pass device is in the linear (triode) region of operation and the input-to-output resistance is the RDS(on) of the PMOS pass element. VDO scales approximately with output current because the PMOS device behaves as a resistor in dropout. As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout. This effect is shown in Figure 13. 7.3.4 Undervoltage Lockout The TLV702 uses a UVLO circuit to keep the output shut off until internal circuitry is operating properly. 7.4 Device Functional Modes 7.4.1 Normal Operation The device regulates to the nominal output voltage under the following conditions: • The input voltage is greater than the nominal output voltage added to the dropout voltage. • The output current is less than the current limit. • The input voltage is greater than the UVLO voltage. 7.4.2 Dropout Operation If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other conditions are met for normal operation, the device operates in dropout mode. In this condition, the output voltage is the same as the input voltage minus the dropout voltage. The transient performance of the device is significantly degraded because the pass device is in a triode state and no longer regulates the output voltage of the LDO. Line or load transients in dropout may result in large output voltage deviations. Table 1 lists the conditions that lead to the different modes of operation. Table 1. Device Functional Mode Comparison OPERATING MODE PARAMETER VIN IOUT Normal mode VIN > VOUT (nom) + VDO IOUT < ICL Dropout mode VIN < VOUT (nom) + VDO IOUT < ICL Current limit VIN > UVLO IOUT > ICL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |