Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9052IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV9052IDDFR
Description  TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9052IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9052IDDFR Datasheet HTML 17Page - Texas Instruments TLV9052IDDFR Datasheet HTML 18Page - Texas Instruments TLV9052IDDFR Datasheet HTML 19Page - Texas Instruments TLV9052IDDFR Datasheet HTML 20Page - Texas Instruments TLV9052IDDFR Datasheet HTML 21Page - Texas Instruments TLV9052IDDFR Datasheet HTML 22Page - Texas Instruments TLV9052IDDFR Datasheet HTML 23Page - Texas Instruments TLV9052IDDFR Datasheet HTML 24Page - Texas Instruments TLV9052IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
7.3 Feature Description
7.3.1 Operating Voltage
The TLV905x family of op amps is specified for operation from 1.8V to 6.0V. In addition, many specifications
apply from –40°C to 125°C. Parameters that vary significantly with operating voltages or temperature are
illustrated in the Section 6.8.
7.3.2 Rail-to-Rail Input
The input common-mode voltage range of the TLV905x family extends 100mV beyond the supply rails for the
full supply voltage range of 1.8V to 6.0V. This performance is achieved with a complementary input stage:
an N-channel input differential pair in parallel with a P-channel differential pair, as shown in the Section 7.2.
The N-channel pair is active for input voltages close to the positive rail, typically (V+) – 1.4V to 200mV above
the positive supply, whereas the P-channel pair is active for inputs from 200mV below the negative supply to
approximately (V+) – 1.4V. There is a small transition region, typically (V+) – 1.2V to (V+) – 1V, in which both
pairs are on. This 200-mV transition region can vary up to 200mV with process variation. Thus, the transition
region (with both stages on) can range from (V+) – 1.4V to (V+) – 1.2V on the low end, and up to (V+) – 1V to
(V+) – 0.8V on the high end. Within this transition region, PSRR, CMRR, offset voltage, offset drift, and THD can
degrade compared to device operation outside this region.
7.3.3 Rail-to-Rail Output
Designed as low-power, low-voltage operational amplifiers, the TLV905x family delivers a robust output drive
capability. A class AB output stage with common-source transistors achieves full rail-to-rail output swing
capability. For resistive loads of 10kΩ, the output swings to within 16mV of either supply rail, regardless of
the applied power-supply voltage. Different load conditions change the ability of the amplifier to swing close to
the rails.
7.3.4 EMI Rejection
The TLV905x uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLV905x benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10MHz to 6GHz. Figure
7-1 shows the results of this testing on the TLV905x. Table 7-1 shows the EMIRR IN+ values for the TLV905x at
particular frequencies commonly encountered in real-world applications. The EMI Rejection Ratio of Operational
Amplifiers application report contains detailed information on the topic of EMIRR performance as it relates to op
amps and is available for download from www.ti.com.
Frequency (Hz)
0
20
40
60
80
100
120
140
10M
100M
1G
D007
Figure 7-1. EMIRR Testing
www.ti.com
TLV9051, TLV9052, TLV9054
SBOS942J – AUGUST 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9051 TLV9052 TLV9054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com