Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9052IDDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV9052IDDFR
Description  TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9052IDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9052IDDFR Datasheet HTML 18Page - Texas Instruments TLV9052IDDFR Datasheet HTML 19Page - Texas Instruments TLV9052IDDFR Datasheet HTML 20Page - Texas Instruments TLV9052IDDFR Datasheet HTML 21Page - Texas Instruments TLV9052IDDFR Datasheet HTML 22Page - Texas Instruments TLV9052IDDFR Datasheet HTML 23Page - Texas Instruments TLV9052IDDFR Datasheet HTML 24Page - Texas Instruments TLV9052IDDFR Datasheet HTML 25Page - Texas Instruments TLV9052IDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
Table 7-1. TLV905x EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
41.8dB
900MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6GHz), GSM, aeronautical mobile, UHF applications
53.1dB
1.8GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1GHz to 2GHz)
71.8dB
2.4GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2GHz to 4GHz)
70.0dB
3.6GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
81.2dB
5GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4GHz to 8GHz)
92.5dB
7.3.5 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the
output voltage exceeds the rated operating voltage, because of the high input voltage or high gain. After the
device enters the saturation region, the output devices require time to return to the linear operating state. After
the output devices return to their linear operating state, the device begins to slew at the specified slew rate.
Therefore, the propagation delay (in case of an overload condition) is the sum of the overload recovery time and
the slew time. The overload recovery time for the TLV905x family is approximately 300 ns.
7.3.6 Packages With an Exposed Thermal Pad
The TLV905x family is available in packages such as the WSON-8 (DSG) and WQFN-16 (RTE) which feature an
exposed thermal pad. Inside the package, the die is attached to this thermal pad using an electrically conductive
compound. For this reason, when using a package with an exposed thermal pad, the thermal pad must either be
connected to V– or left floating. Attaching the thermal pad to a potential other then V– is not allowed, and the
performance of the device is not verified when doing so.
7.3.7 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and its relevance to an electrical overstress event
is helpful. Figure 7-2 shows the ESD circuits contained in the TLV905x devices. The ESD protection circuitry
involves several current-steering diodes connected from the input and output pins and routed back to the internal
power supply lines, where they meet at an absorption device internal to the operational amplifier. This protection
circuitry is intended to remain inactive during normal circuit operation.
TLV9051, TLV9052, TLV9054
SBOS942J – AUGUST 2018 – REVISED FEBRUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9051 TLV9052 TLV9054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com