Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9052IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9052IDDFR
Description  TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9052IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9052IDDFR Datasheet HTML 9Page - Texas Instruments TLV9052IDDFR Datasheet HTML 10Page - Texas Instruments TLV9052IDDFR Datasheet HTML 11Page - Texas Instruments TLV9052IDDFR Datasheet HTML 12Page - Texas Instruments TLV9052IDDFR Datasheet HTML 13Page - Texas Instruments TLV9052IDDFR Datasheet HTML 14Page - Texas Instruments TLV9052IDDFR Datasheet HTML 15Page - Texas Instruments TLV9052IDDFR Datasheet HTML 16Page - Texas Instruments TLV9052IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = 5.5V, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Offset Voltage (µV)
-1200
-900
-600
-300
0
300
600
900
1200
0
3
6
9
12
15
18
21
DC15
VS = 5.5V
Figure 6-1. Offset Voltage Production Distribution
Offset Voltage Drift (µV/C)
0
0.4
0.8
1.2
1.6
2
0
10
20
30
40
DC16
VS = 5.5V, TA = –40°C to 125°C
Figure 6-2. Offset Voltage Drift Distribution
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
DC08
Figure 6-3. Offset Voltage vs Temperature
Common-Mode Voltage (V)
-3
-2
-1
0
1
2
3
-350
-250
-150
-50
50
150
250
350
450
DC21
Figure 6-4. Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-500
-400
-300
-200
-100
0
100
200
300
400
500
DC23
Figure 6-5. Offset Voltage vs Power Supply
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
110
120
DC02
IB-
IB+
IOS
Figure 6-6. Input Bias Current vs Temperature
www.ti.com
TLV9051, TLV9052, TLV9054
SBOS942J – AUGUST 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9051 TLV9052 TLV9054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com