Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV9041UIDBVR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041UIDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV9041UIDBVR Datasheet HTML 13Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 14Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 15Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 16Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 17Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 18Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 19Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 20Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Time (5 µs/div)
D29_
G = 1
VIN = 4 VPP
CL = 10 pF
Figure 7-37. Large-Signal Settling Time (Positive)
Time (10 µs/div)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D28_
VIN
VOUT
G = –1
VIN = 4 VPP
CL = 10 pF
Figure 7-38. Large-Signal Step Response
Frequency (Hz)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
1
10
100
1k
10k
100k
1M
10M
100M
D36_
Vs = 5.5 V
Vs = 1.2 V
Figure 7-39. Maximum Output Voltage vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-80
-60
-40
-20
0
20
40
60
80
D37_
Sinking
Sourcing
Figure 7-40. Short-Circuit Current vs Temperature
Supply Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
10
20
30
40
50
60
70
80
90
100
D44_
Figure 7-41. Shutdown Mode Quiescent Current vs Supply
Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
D45_
Vs = 5.5 V
Vs = 1.2 V
Figure 7-42. Shutdown Mode Quiescent Current vs Temperature
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com